Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB73 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSUSB73
Description  3:1 High-Speed USB Multiplexer and Hub Routing Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB73 Datasheet(HTML) 2 Page - ON Semiconductor

  FSUSB73 Datasheet HTML 1Page - ON Semiconductor FSUSB73 Datasheet HTML 2Page - ON Semiconductor FSUSB73 Datasheet HTML 3Page - ON Semiconductor FSUSB73 Datasheet HTML 4Page - ON Semiconductor FSUSB73 Datasheet HTML 5Page - ON Semiconductor FSUSB73 Datasheet HTML 6Page - ON Semiconductor FSUSB73 Datasheet HTML 7Page - ON Semiconductor FSUSB73 Datasheet HTML 8Page - ON Semiconductor FSUSB73 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
April 2012
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB73 • Rev. 1.0.2
FSUSB73
3:1 High-Speed USB Multiplexer and Hub Routing Switch
Features
Switch Type
3:1 MUX + Isolation Switch
USB
USB 2.0 High-Speed &
Full-Speed Compliant
RON
6.5
Ω
CON
6pF
ESD (IEC61000-4-2)
15kV (Air), 8kV (Contact)
VCC
2.5 to 4.4V
ICCSLP
<1µA
ICCACT
9µA
Package
16- Lead UMLP 1.8 x 2.6 x
0.55mm, 0.40mm Pitch
Ordering Information
FSUSB73UMX (UMLP)
Applications
MP3 Portable Media Players
Cellular Phones, Smartphones
Netbook, Mobile Internet Device (MID)
Enables USB Hub Switching
Description
The FSUSB73 is a bi-directional, low-power, high-speed
USB 2.0 3:1 MUX plus one isolation switch. It is optimized
for switching three high-speed (480Mbps) or full / low-speed
USB / UART sources to one USB 2.0 connector. In addition,
the FSUSB73 has an integrated routing USB switch to allow
communication between a USB hub and another processor
without re-enumeration.
Related Resources
For samples and questions, please contact:
Analog.Switch@fairchildsemi.com.
FSUSB73 Demonstration Board
FSUSB73 Evaluation Board
Typical Application
Figure 1. Mobile Phone Example
Application
µProcessor
3G
µProcessor
USB Port
FSUSB73
HS-USB 0
HS-USB 1
HS-USB 2
HS-USB 2S
D+
D-
USB HUB
4G
µProcessor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com