Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB73 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FSUSB73
Description  3:1 High-Speed USB Multiplexer and Hub Routing Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB73 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FSUSB73 Datasheet HTML 4Page - ON Semiconductor FSUSB73 Datasheet HTML 5Page - ON Semiconductor FSUSB73 Datasheet HTML 6Page - ON Semiconductor FSUSB73 Datasheet HTML 7Page - ON Semiconductor FSUSB73 Datasheet HTML 8Page - ON Semiconductor FSUSB73 Datasheet HTML 9Page - ON Semiconductor FSUSB73 Datasheet HTML 10Page - ON Semiconductor FSUSB73 Datasheet HTML 11Page - ON Semiconductor FSUSB73 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB73 • Rev. 1.0.2
7
Test Diagrams
Figure 8. On Resistance
Figure 9. Off Leakage
Figure 10. AC Test Circuit Load
Figure 11. Turn-On / Turn-Off Waveforms
Figure 12. Propagation Delay (tRtF – 500ps)
Figure 13. Skew Test Waveforms
tSK(P) = | tPLH- – tPHL- | or | tPLH+ – tPHL+ |
tSK(I) = | tPLH- – tPHL+ | or | tPLH+ – tPHL- |
Select
HSDn
Dn
VSel= 0 orVcc
I
ON
V
ON
RON = VON /ION
GND
VSW
GND
SW
Select
VSel= 0 orVcc
NC
A
I
Dn(OFF)
VSW
GND
V
Vcc
**Each switch port is tested separately
R
L ,R
S ,and CL are functions of the application
environment (see AC Tables for specific values)
C
L includes test fixture and stray capacitance.
RL
CL
HSDn
Dn
GND
GND
RS
VSel
VSW
GND
V
OUT
V
OUT
Input
Output
VOH
VOL
50%
50%
50%
50%
400mV
tPHL
tPLH
0V
t
RISE
= 750ps
GND
0.4V
90%
90%
10%
10%
t
FALL
= 750ps
50%
50%
Input
– V
D+/D
-
Output
- V
OUT
50%
50%
V
OH
t
pHL+
–V
D+/D
-
Output
- V
OUT
V
OL
t
pLH-
t
pLH+
t
pHL-
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com