Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB242 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSUSB242
Description  Type-C USB Port Protection Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB242 Datasheet(HTML) 4 Page - ON Semiconductor

  FSUSB242 Datasheet HTML 1Page - ON Semiconductor FSUSB242 Datasheet HTML 2Page - ON Semiconductor FSUSB242 Datasheet HTML 3Page - ON Semiconductor FSUSB242 Datasheet HTML 4Page - ON Semiconductor FSUSB242 Datasheet HTML 5Page - ON Semiconductor FSUSB242 Datasheet HTML 6Page - ON Semiconductor FSUSB242 Datasheet HTML 7Page - ON Semiconductor FSUSB242 Datasheet HTML 8Page - ON Semiconductor FSUSB242 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FSUSB242
CONFIDENTIAL AND PROPRIETARY
NOT FOR PUBLIC RELEASE
www.onsemi.com
4
System Block Diagrams
Figure 4. Application of 2x USB HS interface
When 2x UART signals are switched over FSUSB242, both 100 ohm series resistor and 1 nF bypass capacitors are recommended
in the common switch path as above. If FSUSB242 is used to switch USB and UART signals, connect UART signals to HSD1.
USB HS 1
USB HS 2
HSD 1+
HSD 1−
HSD 2+
HSD 2−
HSD+
HSD−
FSUSB 242
Type −C
connector
Processor
SEL
GND
2.7~ 5.5V
D+
D−
VDD
D+
D−
D+
D−
GPIO
USB HS
UART
HSD 1+
HSD 1−
HSD 2+
HSD 2−
HSD+
HSD−
FSUSB 242
Type −C
connector
Processor
SEL
GND
2.7 ~ 5.5 V
D+
D−
VDD
RxD
TxD
D+
D−
GPIO
Figure 5. Application of UART and USB HS interface
UART 1
UART 2
HSD 1+
HSD 1−
HSD 2+
HSD 2−
HSD+
HSD −
FSUSB 242
Type −C
connector
Processor
SEL
GND
2.7 ~ 5.5 V
D+
D−
VDD
RxD
TxD
RxD
TxD
GPIO
1nF
1nF
100
100
Figure 6. Application of 2x UART interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com