Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB242 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FSUSB242
Description  Type-C USB Port Protection Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB242 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FSUSB242 Datasheet HTML 3Page - ON Semiconductor FSUSB242 Datasheet HTML 4Page - ON Semiconductor FSUSB242 Datasheet HTML 5Page - ON Semiconductor FSUSB242 Datasheet HTML 6Page - ON Semiconductor FSUSB242 Datasheet HTML 7Page - ON Semiconductor FSUSB242 Datasheet HTML 8Page - ON Semiconductor FSUSB242 Datasheet HTML 9Page - ON Semiconductor FSUSB242 Datasheet HTML 10Page - ON Semiconductor FSUSB242 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FSUSB242
CONFIDENTIAL AND PROPRIETARY
NOT FOR PUBLIC RELEASE
www.onsemi.com
7
Table 5. DC ELECTRICAL CHARACTERISTICS (continued)
(Unless otherwise specified: Recommended TA and TJ temperature ranges. All typical values are at TA =25°C and VDD = 4.2 V unless
otherwise specified.)
Symbol
Unit
TA = −40 to +855C
TJ = −40 to +1255C
Conditions
VDD (V)
Characteristic
Symbol
Unit
Max
Typ
Min
Conditions
VDD (V)
Characteristic
BASIC OPERATION DEVICE
IOZ
Off State Leakage
2.7 to 5.5
HSD
± ≥ 0 V, HSD1±,
HSD2
± ≤ 3.6 V
−3
5
mA
BASIC OPERATION HSD SWITCH
RON
HSD Path On Resistance
2.7 to 5.5
IOUT = 8 mA, VSW = 0 V to 0.4 V
5
W
DRON
HSD Path Delta RON
2.7 to 5.5
IOUT = 8 mA, VSW = 0 V to 0.4 V
0.15
W
VIH
SEL Input Voltage High
2.7 to 5.5
1.3
V
VIM
SEL Input Voltage Middle
(Note 2)
2.7 to 5.5
0.8
1.
0
V
VIL
SEL Input Voltage Low
2.7 to 5.5
0.5
V
Zfloat
Impedance to VDD or GND
detected as a Float including
VDD =0
2.7 to 5.5
2.5
M
W
VOV_TRIP1
Input OVP Lockout for HSD1
2.7 to 5.5
VHSD± Rising, SEL = 0
3.6
3.8
4
V
VHSD± Falling, SEL = 0
3.3
3.5
VOV_TRIP2
Input OVP Lockout for HSD2
2.7 to 5.5
VHSD± Rising, SEL = 1
4.5
4.7
4.9
V
VHSD± Falling, SEL = 1
4.2
4.4
VOV_HYS
Input OVP Hysteresis
2.7 to 5.5
0.3
V
VNV_TRIP
Input Negative Voltage Lockout
2.7 to 5.5
VHSD± Falling
−1.0
V
VHSD± Rising
−0.7
VNV_HYS
Input OVP Hysteresis
2.7 to 5.5
0.3
V
VCL
Clamping Voltage
2.7 to 5.5
VHSD± ≥ VOV_TRIP
4.5
V
VUVLO
Under−Voltage Lockout
VDD Rising
2.4
2.7
V
VDD Falling
2.3
TSD
Thermal Shutdown (Note 2)
Shutdown Threshold
150
°C
Return from Shutdown
130
Hysteresis
20
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Guaranteed by characterization or Design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com