Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB242 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FSUSB242
Description  Type-C USB Port Protection Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB242 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FSUSB242 Datasheet HTML 4Page - ON Semiconductor FSUSB242 Datasheet HTML 5Page - ON Semiconductor FSUSB242 Datasheet HTML 6Page - ON Semiconductor FSUSB242 Datasheet HTML 7Page - ON Semiconductor FSUSB242 Datasheet HTML 8Page - ON Semiconductor FSUSB242 Datasheet HTML 9Page - ON Semiconductor FSUSB242 Datasheet HTML 10Page - ON Semiconductor FSUSB242 Datasheet HTML 11Page - ON Semiconductor FSUSB242 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FSUSB242
CONFIDENTIAL AND PROPRIETARY
NOT FOR PUBLIC RELEASE
www.onsemi.com
8
Table 6. AC ELECTRICAL CHARACTERISTICS
(Unless otherwise specified: Recommended TA and TJ temperature ranges. All typical values are at TA =25°C and VDD = 4.2 V unless
otherwise specified.)
Symbol
Characteristic
VDD (V)
Conditions
TA = −40 to +855C
TJ = −40 to +1255C
Unit
Min
Typ
Max
HSD SWITCH TIMING PARAMETER
tOVP
OVP Response Time (Note 33)
2.7 to 5.5
IOUT = 8 mA, CL = 5 pF,
RL =50 W, VHSD± = 3.3 V to
4.9 V
0.35
ms
tON
Turn−On Time, SEL to Output
2.7 to 5.5
RL =50 W, CL =5pF
0.1
ms
tOFF
Turn−Off Time, SEL to Output
2.7 to 5.5
RL =50 W, CL = 5 pF,
VSW = 0.8 V
0.2
ms
tPD
Propagation Delay (Note 3)
2.7 to 5.5
RL =50 W, CL = 5 pF,
VSW = 0.8 V
1.3
ns
tBBM
Break−Before−Make (Note 3)
2.7 to 5.5
RL =50 W, CL = 5 pF,
VSW1 =VSW2 = 0.8 V
50
ms
tSK(P)
Skew of Opposite Transitions of
the Same Output (Note 3)
2.7 to 5.5
VSW = 0.2 VdiffPP, RL =50 W,
CL =5pF
35
ps
tJ
Total Jitter (Note 3)
2.7 to 5.5
VSW = 0.2 VdiffPP, RL =50 W,
CL = 5 pF, tR =tF = 500 ps
(10−90%) @ 480 Mbps
(PRBS = 215 – 1)
25
0
ps
HSD
+ SWITCH CAPACITANCE
CIN
Control Pin Input Capacitance
(Note 3)
0
1.5
pF
CON
HSD
± On Capacitance (Note 3)
2.7 to 5.5
SEL = L/H, f = 240 MHz
4
COFF
HSD
± Off Capacitance (Note 3)
2.7 to 5.5
SEL = Float, f = 240 MHz
3
HSD SWITCH BANDWIDTH
BW
−3dB SDD21 Bandwidth
(Note 3)
2.7 to 5.5
RL =50 W, CL =0pF
1000
MHz
RL =50 W, CL =5pF
550
MHz
HSD SWITCH AC PARAMETER
OIRR
Off Isolation (Note 3)
2.7 to 5.5
RL =50 W, f = 240 MHz
−35
dB
Xtalk
Non−Adjacent Channel
Crosstalk (Note 3)
2.7 to 5.5
RL =50 W, f = 240 MHz
−40
dB
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Guaranteed by characterization or Design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com