Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDS312 Datasheet(PDF) 7 Page - Texas Instruments

Part # ESDS312
Description  Data-Line Surge and ESD Protection Diode Array
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ESDS312 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ESDS312_18 Datasheet HTML 3Page - Texas Instruments ESDS312_18 Datasheet HTML 4Page - Texas Instruments ESDS312_18 Datasheet HTML 5Page - Texas Instruments ESDS312_18 Datasheet HTML 6Page - Texas Instruments ESDS312_18 Datasheet HTML 7Page - Texas Instruments ESDS312_18 Datasheet HTML 8Page - Texas Instruments ESDS312_18 Datasheet HTML 9Page - Texas Instruments ESDS312_18 Datasheet HTML 10Page - Texas Instruments ESDS312_18 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
D011_Power_Derating.grf
Temperature (qC)
0
25
50
75
100
125
75
80
85
90
95
100
105
D011
D012_S21.grf
Frequency (GHz)
0.1
0.2
0.3
0.4 0.5 0.60.7
1
2
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
D012
D009_Leakage.grf
Temperature (qC)
-50
-25
0
25
50
75
100
125
0
10
20
30
40
50
60
70
80
90
100
D009
D010_Cap_Vbias.grf
Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4
4.5
5
5.5
6
6.5
7
7.5
8
D010
7
ESDS312, ESDS314
www.ti.com
SLVSEG9B – MAY 2018 – REVISED SEPTEMBER 2018
Product Folder Links: ESDS312 ESDS314
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 9. DC Leakage vs. Ambient Temperature, Bias
Voltage = 3.6 V
Figure 10. Capacitance vs. Bias Voltage at 25°C
Figure 11. Surge Power Derating with Respect To Ambient
Temperature
Figure 12. Differential Insertion Loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com