Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDS312 Datasheet(PDF) 9 Page - Texas Instruments

Part # ESDS312
Description  Data-Line Surge and ESD Protection Diode Array
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ESDS312 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ESDS312_18 Datasheet HTML 5Page - Texas Instruments ESDS312_18 Datasheet HTML 6Page - Texas Instruments ESDS312_18 Datasheet HTML 7Page - Texas Instruments ESDS312_18 Datasheet HTML 8Page - Texas Instruments ESDS312_18 Datasheet HTML 9Page - Texas Instruments ESDS312_18 Datasheet HTML 10Page - Texas Instruments ESDS312_18 Datasheet HTML 11Page - Texas Instruments ESDS312_18 Datasheet HTML 12Page - Texas Instruments ESDS312_18 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Ethernet
PHY
TP1+
TP1-
TP2+
TP2-
TP3+
TP3-
TP4+
TP4-
RJ-45
Connector
ESDS314
ESDS314
9
ESDS312, ESDS314
www.ti.com
SLVSEG9B – MAY 2018 – REVISED SEPTEMBER 2018
Product Folder Links: ESDS312 ESDS314
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The ESDS314, ESDS312 devices are diode type TVS which is used to provide a path to ground for dissipating
surge and ESD events on high-speed signal lines between a human interface connector and a system. As the
current from surge or ESD passes through the TVS, only a small voltage drop is present across the diode. This
is the voltage presented to the protected IC. The low RDYN of the triggered TVS holds this voltage, VCLAMP, to a
safe level for the protected IC.
8.2 Typical Application
Figure 13. ESDS314 Protecting the Ethernet 1Gbps Interface
8.2.1 Design Requirements
A typical operation for the ESDS314 would be protecting a high speed dataline similar to one shown in Figure 13.
In this example, the ESDS314 is protecting an Ethernet PHY's data lines that has a nominal operating voltage of
3.6 V. Many of the Ethernet interfaces that connect to long cables require protection against ±1 kV surge test
through a 42-Ω coupling resistor and a 0.5 µF capacitor, equaling roughly 24 A of surge current. Without any
input protection, if a surge event is caused by lightning, coupling, ringing, or any other fault condition, this input
voltage will rise to hundreds of volts for multiple microseconds, harming the device.
For Ethernet 1000Base-T (1Gbps), application design parameters listed in Table 1 are known.
Table 1. Design Parameters
DESIGN PARAMETER
VALUE
Signal range on differential data line pairs
0 to 3.6 V
Operating frequency
125 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com