Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDS312 Datasheet(PDF) 10 Page - Texas Instruments

Part # ESDS312
Description  Data-Line Surge and ESD Protection Diode Array
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ESDS312 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ESDS312_18 Datasheet HTML 6Page - Texas Instruments ESDS312_18 Datasheet HTML 7Page - Texas Instruments ESDS312_18 Datasheet HTML 8Page - Texas Instruments ESDS312_18 Datasheet HTML 9Page - Texas Instruments ESDS312_18 Datasheet HTML 10Page - Texas Instruments ESDS312_18 Datasheet HTML 11Page - Texas Instruments ESDS312_18 Datasheet HTML 12Page - Texas Instruments ESDS312_18 Datasheet HTML 13Page - Texas Instruments ESDS312_18 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
D012_S21.grf
Frequency (GHz)
0.1
0.2
0.3
0.4 0.5 0.60.7
1
2
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
D012
10
ESDS312, ESDS314
SLVSEG9B – MAY 2018 – REVISED SEPTEMBER 2018
www.ti.com
Product Folder Links: ESDS312 ESDS314
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.2.2 Detailed Design Procedure
8.2.2.1 Signal Range
The ESDS314 has 4 identical surge protection channels with each channel supporting a signal range of 0 to 3.6
V. The device will work well with any Ethernet PHY that drives the single ended voltage on the data line up to a
3.6 V.
8.2.2.2 Operating Frequency
The ESDS314 has a capacitance of 4.5 pF (typical) and can support the 125 MHz operation of Ethernet
1000Base-T application
8.2.3 Application Curves
Figure 14. Differential Insertion Loss vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com