Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDS312 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ESDS312
Description  Data-Line Surge and ESD Protection Diode Array
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ESDS312 Datasheet(HTML) 5 Page - Texas Instruments

  ESDS312 Datasheet HTML 1Page - Texas Instruments ESDS312 Datasheet HTML 2Page - Texas Instruments ESDS312 Datasheet HTML 3Page - Texas Instruments ESDS312 Datasheet HTML 4Page - Texas Instruments ESDS312 Datasheet HTML 5Page - Texas Instruments ESDS312 Datasheet HTML 6Page - Texas Instruments ESDS312 Datasheet HTML 7Page - Texas Instruments ESDS312 Datasheet HTML 8Page - Texas Instruments ESDS312 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
ESDS312, ESDS314
www.ti.com
SLVSEG9B – MAY 2018 – REVISED SEPTEMBER 2018
Product Folder Links: ESDS312 ESDS314
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
VBRF and VBRR are defined as the voltage obtained at 1 mA when sweeping the voltage up, before the device latches into the
snapback state
(2)
VHOLD is defined as the voltage when 1 mA is applied, after the device has successfully latched into the snapback state.
6.6 Electrical Characteristics
At TA = 25°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage
IIO < 500 nA, across operating
temperature range
3.6
V
ILEAKAGE
Leakage current at 3.6 V
VIO = 3.6 V, Any IO pin to GND
5
50
nA
VBRF
Breakdown voltage, IO to GND (1)
IIO = 1 mA
4.5
7.5
V
VFWD
Forward Voltage, GND to IO
IIO = 1 mA
0.8
V
VHOLD
Holding Voltage, IO to GND (2)
IIO = 1 mA
5
V
VCLAMP
Surge Clamping voltage, tp = 8/20 µs
IPP = 1 A, Any IO pin to GND
5
V
VCLAMP
IPP = 12 A, Any IO pin to GND
5.6
V
VCLAMP
IPP = 25 A, Any IO pin to GND
6.5
V
VCLAMP
IPP = 1 A, GND to any IO pin
1
V
VCLAMP
IPP = 12 A, GND to any IO pin
2.1
V
VCLAMP
IPP = 25 A, GND to any IO pin
3.6
V
VCLAMP
TLP Clamping Voltage, tp = 100 ns
IPP = 16 A, Any IO pin to GND
5.5
V
VCLAMP
IPP = 16 A, GND to any IO pin
2.2
V
CLINE
Line capacitance, Any IO to GND
VIO = 0 V, Vp-p = 30 mV, f = 1 MHz
4.5
5.5
pF
ΔCLINE
Variation of line capacitance
CLINE1 - CLINE2, VIO = 0 V, Vp-p = 30
mV, f = 1 MHz
0.05
0.1
pF
CCROSS
Line-to-line capacitance
VIO = 0V, Vrms = 30 mV, f = 1 MHz
2.25
2.75
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com