Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDS312 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ESDS312
Description  Data-Line Surge and ESD Protection Diode Array
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ESDS312 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ESDS312 Datasheet HTML 4Page - Texas Instruments ESDS312 Datasheet HTML 5Page - Texas Instruments ESDS312 Datasheet HTML 6Page - Texas Instruments ESDS312 Datasheet HTML 7Page - Texas Instruments ESDS312 Datasheet HTML 8Page - Texas Instruments ESDS312 Datasheet HTML 9Page - Texas Instruments ESDS312 Datasheet HTML 10Page - Texas Instruments ESDS312 Datasheet HTML 11Page - Texas Instruments ESDS312 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
GND
I/O2
I/O1
ESDS312
GND
ESDS314
I/O4
I/O1
I/O3
I/O1
8
ESDS312, ESDS314
SLVSEG9B – MAY 2018 – REVISED SEPTEMBER 2018
www.ti.com
Product Folder Links: ESDS312 ESDS314
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The ESDS314, ESDS312 devices are unidirectional ESD Protection Diode with a low capacitance. These
devices can dissipate high surge currents upto 25 A (8/20 µs) and ESD strikes above the maximum level
specified by the IEC 61000-4-2 International Standard. The low capacitance makes this device ideal for
protecting high-speed signal interfaces such as Ethernet 10/100/1000 Mbps and general purpose high speed
data lines.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 IEC 61000-4-4 EFT Protection
The I/O pins of ESDS314 and ESDS312 can withstand surge events (IEC 61000-4-5, 8/20 µs waveform) up to
25 A and 170 W. These devices also provide ESD protection up to ±30-kV contact and ±30-kV air gap per IEC
61000-4-2 standard. The I/O pins can withstand an electrical fast transient burst of up to 80 A (IEC 61000-4-4
5/50 ns waveform, 4 kV with 50-
Ω impedance). The capacitance between each I/O pin to ground is 4.5 pF
(typical) and 5.5 pF (maximum). This device supports data rates up to 1 Gbps.
The reverse DC breakdown voltage of each I/O pin is a minimum of 4.5 V. This ensures that sensitive equipment
is protected from surges above the reverse standoff voltage of 3.6 V. The I/O pins feature an ultra-low leakage
current of 100 nA (maximum) with a bias of 3.6 V. This device features an industrial operating range of –40°C to
+125°C.
7.4 Device Functional Modes
The ESDS314, ESDS312 devices are a passive integrated circuit that triggers when voltages are above VBRF or
below 0.7 V. During ESD events, voltages as high as ±30 kV (air) can be directed to ground via the internal
diode network. When the voltages on the protected line fall below the trigger levels of ESDS314, ESDS312
(usually within a few nano-seconds) the devices reverts to passive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com