Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDS312 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ESDS312
Description  Data-Line Surge and ESD Protection Diode Array
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ESDS312 Datasheet(HTML) 1 Page - Texas Instruments

  ESDS312 Datasheet HTML 1Page - Texas Instruments ESDS312 Datasheet HTML 2Page - Texas Instruments ESDS312 Datasheet HTML 3Page - Texas Instruments ESDS312 Datasheet HTML 4Page - Texas Instruments ESDS312 Datasheet HTML 5Page - Texas Instruments ESDS312 Datasheet HTML 6Page - Texas Instruments ESDS312 Datasheet HTML 7Page - Texas Instruments ESDS312 Datasheet HTML 8Page - Texas Instruments ESDS312 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Ethernet
PHY
TP1+
TP1-
TP2+
TP2-
TP3+
TP3-
TP4+
TP4-
RJ-45
Connector
ESDS314
ESDS314
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ESDS312, ESDS314
SLVSEG9B – MAY 2018 – REVISED SEPTEMBER 2018
ESDS312, ESDS314 Data-Line Surge and ESD Protection Diode Array
1
1 Features
1
•
IEC 61000-4-2 Level 4 ESD Protection
–
±30-kV Contact Discharge
–
±30-kV Air Gap Discharge
•
IEC 61000-4-4 EFT Protection
–
80 A (5/50 ns)
•
IEC 61000-4-5 Surge Protection
–
25 A (8/20 μs)
–
Low Surge Clamping Voltage 6.5 V at 25 A Ipp
•
IO Capacitance:
–
4.5 pF (Typical)
•
DC Breakdown Voltage: 5.5 V (Minimum)
•
Ultra Low Leakage Current: 5 nA (Typical)
•
Supports High Speed Interfaces up to 5 Gbps
•
Industrial Temperature Range: –40°C to +125°C
•
Easy Flow-Through Routing Package (ESDS312)
2 Applications
•
End Equipment
–
Ethernet Switches
–
Access Points
–
Gateways
–
Printers
–
DVR and NVR
•
Interfaces
–
Ethernet 10/100/1000 Mbps
–
USB 2.0
–
GPIO
3 Description
The ESDS314, ESDS312 devices are unidirectional
TVS ESD protection diode array for Ethernet, USB
and general purpose data line surge protection up to
25 A (8/20 μs) . The ESDS314, ESDS312 devices
are rated to dissipate ESD strikes at the maximum
level specified in the IEC 61000-4-2 international
standard (Level 4).
The devices features a 4.5-pF IO capacitance per
channel making it ideal for protecting high-speed
interfaces such as Ethernet 10/100/1000, USB 2.0
and GPIO. The low dynamic resistance and low
clamping voltage ensure system level protection
against transient events.
The ESDS314, ESDS312 devices are offered in the
industry standard 5-Pin SOT23 packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ESDS314
SOT23 (5)
2.9 mm x 1.6 mm x
1.25 mm
ESDS312
SOT23 (5); 2 NC
pins
2.9 mm x 1.6 mm x
1.25 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic


Similar Part No. - ESDS312

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESDS312 TI1-ESDS312 Datasheet
548Kb / 17P
Data-Line Surge and ESD Protection Diode Array
ESDS312 TI1-ESDS312 Datasheet
1Mb / 24P
ESDS31x Data-Line Surge and ESD Protection Diode Array
FEBRUARY 2024
ESDS312 TI2-ESDS312 Datasheet
1Mb / 23P
ESDS31x Data-Line Surge and ESD Protection Diode Array
REVISED FEBRUARY 2024
ESDS312 TI2-ESDS312 Datasheet
1Mb / 24P
ESDS31x Data-Line Surge and ESD Protection Diode Array
REVISED FEBRUARY 2024
ESDS312DBVR TI1-ESDS312DBVR Datasheet
1Mb / 24P
ESDS31x Data-Line Surge and ESD Protection Diode Array
FEBRUARY 2024
More results

Similar Description - ESDS312

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP4302MR6 ONSEMI-NUP4302MR6 Datasheet
84Kb / 4P
Schottky Diode Array for Four Data Line ESD Protection
December, 2004 ??Rev. 2
logo
Littelfuse
SP3050 LITTELFUSE-SP3050 Datasheet
282Kb / 7P
Low Capacitance Diode Array for ESD and Surge Protection
logo
ON Semiconductor
NUP4302MR6 ONSEMI-NUP4302MR6_06 Datasheet
123Kb / 4P
Schottky Diode Array for Four Data Line ESD Protection
March, 2006 ??Rev. 3
logo
Union Semiconductor, In...
UM5075 UNIONSEMI-UM5075 Datasheet
232Kb / 8P
Single Line ESD Protection Diode Array
UESD6V8S2B UNIONSEMI-UESD6V8S2B_15 Datasheet
175Kb / 6P
Dual Line ESD Protection Diode Array
UM5055 UNIONSEMI-UM5055_16 Datasheet
166Kb / 5P
Single Line ESD Protection Diode Array
logo
Semtech Corporation
RCLAMP0512TQ SEMTECH-RCLAMP0512TQ Datasheet
2Mb / 13P
2-Line Surge and ESD Protection
RCLAMP3324P SEMTECH-RCLAMP3324P_16 Datasheet
755Kb / 8P
4-Line Surge and ESD Protection
logo
Texas Instruments
ESDS312 TI1-ESDS312 Datasheet
548Kb / 17P
Data-Line Surge and ESD Protection Diode Array
logo
ON Semiconductor
NSPM1042 ONSEMI-NSPM1042 Datasheet
228Kb / 8P
ESD and Surge Protection Diode
March, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com