Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9554PS Datasheet(PDF) 58 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 54Page - NXP Semiconductors TDA9554PS Datasheet HTML 55Page - NXP Semiconductors TDA9554PS Datasheet HTML 56Page - NXP Semiconductors TDA9554PS Datasheet HTML 57Page - NXP Semiconductors TDA9554PS Datasheet HTML 58Page - NXP Semiconductors TDA9554PS Datasheet HTML 59Page - NXP Semiconductors TDA9554PS Datasheet HTML 60Page - NXP Semiconductors TDA9554PS Datasheet HTML 61Page - NXP Semiconductors TDA9554PS Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 125 page
background image
2000 Jun 22
58
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
MMR BIT DEFINITION
Names
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
RESET
Display Control.
SRC<3>
SRC<2>
SRC<1>
SRC<0>
-
MSH
MOD<1>
MOD<0>
00H
SRC<3:0>
Screen Colour definition
MSH
0 - No meshing of background
1 - Meshing all background colours
MOD<1:0>
00 - Video
01 - Full Text
10 - Mixed Screen Colour
11 - Mixed Video
Text Position
Vertical
VPOL
HPOL
VOL<5>
VOL<4>
VOL<3>
VOL<2>
VOL<1>
VOL<0>
00H
VPOL
0 - Input polarity
1 - Inverted input polarity
HPOL
0 - Input Polarity
1 - Inverted input polarity
VOL<5:0>
Display start Vertical Offset from V-Sync. (lines)
Text Area Start
HOP<1>
HOP<0>
TAS<5>
TAS<4>
TAS<3>
TAS<2>
TAS<1>
TAS<0>
00H
HOP<1:0>
Fine Horizontal Offset in quarter of characters
TAS<5:0>
Text area start
Fringing Control.
FRC<3>
FRC<2>
FRC<1>
FRC<0>
FRDN
FRDE
FRDS
FRDW
00H
FRC<3:0>
Fringing colour, value address of CLUT
FRDN
0 - No fringe in North direction
1 - Fringe in North direction
FRDE
0 - No fringe in East direction
1 - Fringe in East direction
FRDS
0 - No fringe in South direction
1 - Fringe in South direction
FRDW
0 - No fringe in West direction
1 - Fringe in West direction
Text Area End
-
-
TAE<5>
TAE<4>
TAE<3>
TAE<2>
TAE<1>
TAE<0>
00H
TAE<5:0>
Text Area End, in full characters
Scroll Area
SSH<3>
SSH<2>
SSH<1>
SSH<0>
SSP<3>
SSP<2>
SSP<1>
SSP<0>
00H
SSH<3:0>
Soft Scroll Height
SSP<3:0>
Soft Scroll Position
Scroll Range
SPS<3>
SPS<2>
SPS<1>
SPS<0>
STS<3>
STS<2>
STS<1>
STS<0>
00H
SPS<3:0>
Stop Scroll row
STS<3:0>
Start Scroll row
RGB Brightness
VDSPOL
-
-
-
BRI<3>
BRI<2>
BRI<1>
BRI<0>
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com