Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9554PS Datasheet(PDF) 29 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 25Page - NXP Semiconductors TDA9554PS Datasheet HTML 26Page - NXP Semiconductors TDA9554PS Datasheet HTML 27Page - NXP Semiconductors TDA9554PS Datasheet HTML 28Page - NXP Semiconductors TDA9554PS Datasheet HTML 29Page - NXP Semiconductors TDA9554PS Datasheet HTML 30Page - NXP Semiconductors TDA9554PS Datasheet HTML 31Page - NXP Semiconductors TDA9554PS Datasheet HTML 32Page - NXP Semiconductors TDA9554PS Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 125 page
background image
2000 Jun 22
29
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
TXT19
TEN
TC<2>
TC<1>
TC<0>
0
0
TS<1>
TS<0>
00H
TEN
0 - Disable Twist function
1- Enable Twist character set
TC<2:0>
Language control bits (C12/C13/C14) that has Twisted character set
TS<1:0>
Twist Character set selection
TXT20
DRCS
ENABLE
OSD
PLANES
0
0
OSD
LANG
ENABLE
OSD
LAN<2>
OSD
LAN<1>
OSD
LAN<0>
00H
DRCS ENABLE
0 - Normal OSD characters used
1 - Re-map column 9 to DRCS (TXT and CC modes),
OSD PLANES
0 - Character code columns 8 and 9 defined as single plane characters
1- Character code columns 8 and 9 defined as double plane characters
OSD LANG
ENABLE
Enable use of OSD LAN<2:0> to define language option for display, instead of C12/C13/C14
OSD LAN<2:0>
Alternative C12/C13/C14 bits for use with OSD menus
TXT21
DISP
LINES<1>
DISP
LINES<0>
CHAR
SIZE<1>
CHAR
SIZE<0>
Reserved
CC ON
I2C PORT0
CC/TXT
02H
DISP
LINES<1:0>
The number of display lines per character row.
00 - 10 lines per character (defaults to 9 lines in 525 mode)
01 - 13 lines per character
10 - 16 lines per character
11 - reserved
CHAR
SIZE<1:0>
Character matrix size.
00 - 10 lines per character (matrix 12x10)
01 - 13 lines per character (matrix 12x13)
10 - 16lines per character (matrix 12x16)
11 - reserved
CCON
0 - Closed Caption acquisition off
1 - Closed Caption acquisition on
I2C PORT0
0 - Disable I2C PORT0
1 - Enable I2C PORT0 selection (P1.7/SDA0, P1.6/SCL0)
CC/TXT
0 - Display configured for TXT mode
1 - Display configured for CC mode
TXT22
GPF<7>
GPF<6>
GPF<5>
GPF<4>
GPF<3>
GPF<2>
GPF<1>
GPF<0>
XXH
GPF<7:6>
General purpose register, bits defined by mask programmable bits
GPF<5>
0 - Standard Painter device
1 - Enhanced Painter device
GPF<4> (Used
for software only)
0 - Choose 6 page teletext device
1 - Choose 10 page teletext device
GPF<3>
0 - PWM0, PWM1, PWM2 & PWM3 output on Port 3.0 to Port 3.3 respectively
1 - PWM0, PWM1, PWM2 & PWM3 output on Port 2.1 to Port 2.4 respectively
Names
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
RESET
Table 3
SFR Bit description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com