Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9554PS Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 17Page - NXP Semiconductors TDA9554PS Datasheet HTML 18Page - NXP Semiconductors TDA9554PS Datasheet HTML 19Page - NXP Semiconductors TDA9554PS Datasheet HTML 20Page - NXP Semiconductors TDA9554PS Datasheet HTML 21Page - NXP Semiconductors TDA9554PS Datasheet HTML 22Page - NXP Semiconductors TDA9554PS Datasheet HTML 23Page - NXP Semiconductors TDA9554PS Datasheet HTML 24Page - NXP Semiconductors TDA9554PS Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 125 page
background image
2000 Jun 22
21
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
STA
START flag. When this bit is set in slave mode, the hardware checks the I2C bus and generates a START condition if the bus is free or after the bus
becomes free. If the device operates in master mode it will generate a repeated START condition.
STO
STOP flag. If this bit is set in a master mode a STOP condition is generated. A STOP condition detected on the I2C bus clears this bit. This bit may
also be set in slave mode in order to recover from an error condition. In this case no STOP condition is generated to the I2C bus, but the hardware
releases the SDA and SCL lines and switches to the not selected receiver mode. The STOP flag is cleared by the hardware.
SI
Serial Interrupt flag. This flag is set and an interrupt request is generated, after any of the following events occur:
-A START condition is generated in master mode.
-The own slave address has been received during AA=1.
-The general call address has been received while S1ADR.GC and AA=1.
-A data byte has been received or transmitted in master mode (even if arbitration is lost).
-A data byte has been received or transmitted as selected slave.
A STOP or START condition is received as selected slave receiver or transmitter
While the SI flag is set, SCL remains LOW and the serial transfer is suspened.SI must be reset by software.
AA
Assert Acknowledge flag. When this bit is set, an acknowledge is returned after any one of the following conditions
-Own slave address is received.
-General call address is received(S1ADR.GC=1).
-A data byte is received, while the device is programmed to be a master receiver.
-A data byte is received, while the device is selected slave receiver.
When the bit is reset, no acknowledge is returned. Consequently, no interrupt is requested when the own address or general call address is
received.
S1DAT
DAT<7>
DAT<6>
DAT<5>
DAT<4>
DAT<3>
DAT<2>
DAT<1>
DAT<0>
00H
DAT<7:0>
I2C Data.
S1STA
STAT<4>
STAT<3>
STAT<2>
STAT<1>
STAT<0>
0
0
0
F8H
STAT<4:0>
I2C Interface Status.
SAD
VHI
CH<1>
CH<0>
ST
SAD<7>
SAD<6>
SAD<5>
SAD<4>
00H
VHI
0 - Analogue input voltage less than or equal to DAC voltage.
1 - Analogue input voltage greater then DAC voltage.
CH<1:0>
ADC Input channel select.
CH<1:0> = 00,ADC3.
CH<1:0> = 01,ADC0.
CH<1:0> = 10,ADC1.
CH<1:0> = 11,ADC2.
ST
Initiate voltage comparison between ADC input Channel and SADB<3:0> value.
Note: Set by Software and reset by Hardware.
SAD<7:4>
Most Significant nibble of DAC input word
SADB
0
0
0
DC_COMP
SAD<3>
SAD<2>
SAD<1>
SAD<0>
00H
DC_COMP
0 - Disable DC Comparator mode.
1 - Enable DC Comparator mode.
SAD<3:0>
4-bit SAD value.
SP
SP<7>
SP<6>
SP<5>
SP<4>
SP<3>
SP<2>
SP<1>
SP<0>
07H
SP<7>
Stack Pointer.
TCON
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00H
TF1
Timer 1 overflow Flag. Set by hardware on Timer/Counter overflow.Cleared by hardware when processor vectors to interrupt routine.
Names
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
RESET
Table 3
SFR Bit description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com