Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3301 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FUSB3301
Description  Controller for Controller for Adapters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3301 Datasheet(HTML) 4 Page - ON Semiconductor

  FUSB3301 Datasheet HTML 1Page - ON Semiconductor FUSB3301 Datasheet HTML 2Page - ON Semiconductor FUSB3301 Datasheet HTML 3Page - ON Semiconductor FUSB3301 Datasheet HTML 4Page - ON Semiconductor FUSB3301 Datasheet HTML 5Page - ON Semiconductor FUSB3301 Datasheet HTML 6Page - ON Semiconductor FUSB3301 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FUSB3301
www.onsemi.com
4
Table 4. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Unit
VDD
Supply Voltage
−0.5
6.0
V
VCCX
CC pins when configured as HOST
−0.5
6.0
V
TSTORAGE
Storage Temperature Range
−65
+150
°C
TJ
Maximum Junction Temperature
+150
°C
TL
Lead Temperature (Soldering, 10 seconds)
+260
°C
ESD
IEC 61000−4−2 System ESD
Connector Pins
(VBUS, CC1 & CC2)
Air Gap
15
kV
Contact
8
Human Body Model, JEDEC JESD22−A114
Connector Pins (VBUS, CC1 and CC2)
4
kV
Others
2
Charged Device Model, JEDEC
JESD22−C101
All Pins
1
kV
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 5. RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
3.0
5.0
5.5
V
TA
Operating Ambient Temperature
−40
+85
°C
TJ
Operating Junction Temperature
−40
+125
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
Table 6. DC AND TRANSIENT CHARACTERISTICS All typical values are at TA=25°C unless otherwise specified.
Symbol
Parameter
TA = −40 to +855C
TJ=−40 to +1255C
Unit
Min
Typ
Max
I80_CCX
Source 80 mA CC Current (Default) HOST2=VDD, HOST1=VDD
64
80
96
mA
I180_CCX
Source 180 mA CC Current (1.5 A) HOST2=VDD, HOST1=GND or HOST2=GND,
HOST1=VDD
166
180
194
mA
I330_CCX
Source 330 mA CC Current (3 A) HOST2=GND, HOST1=GND
304
330
356
mA
zOPEN
CC Resistance for Disabled State
126
kW
vRa−SRCdef
Ra Detection Threshold for CC Pin for Source for Default Current on VBUS
0.15
0.20
0.25
V
vRa−SRC1.5A
Ra Detection Threshold for CC pin for Source for 1.5 A Current on VBUS
0.35
0.40
0.45
V
vRa−SRC3A
Ra Detection Threshold for CC Pin for Source for 3 A Current on VBUS
0.75
0.80
0.85
V
vRd−SRCdef
Rd Detection Threshold for Source for Default Current (HOST2/1=VDD/VDD)
1.50
1.60
1.65
V
vRd−SRC1.5A
Rd detection threshold for Source for 1.5 A Current (HOST2/1=GND/VDD or VDD/GND)
1.50
1.60
1.65
V
vRd−SRC3A
Rd Detection Threshold for Source for 3 A Current (HOST2/1=GND/GND)
2.45
2.60
2.75
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com