Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3301 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FUSB3301
Description  Controller for Controller for Adapters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3301 Datasheet(HTML) 5 Page - ON Semiconductor

  FUSB3301 Datasheet HTML 1Page - ON Semiconductor FUSB3301 Datasheet HTML 2Page - ON Semiconductor FUSB3301 Datasheet HTML 3Page - ON Semiconductor FUSB3301 Datasheet HTML 4Page - ON Semiconductor FUSB3301 Datasheet HTML 5Page - ON Semiconductor FUSB3301 Datasheet HTML 6Page - ON Semiconductor FUSB3301 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FUSB3301
www.onsemi.com
5
Table 7. CURRENT CONSUMPTION
Symbol
Parameter
Conditions
VDD (V)
TA = −40 to +855C
TJ=−40 to +1255C
Unit
Min
Typ
Max
Istby
Unattached Source
Nothing attached, Host Pins = VDD,
GND, Float.
3.0 to 5.5
5
20
mA
Iattach
Attach Current
(Less Host Current)
Attached, Host Pins=VDD, GND, Float.
3.0 to 5.5
10
15
mA
Table 8. TIMING PARAMETERS
Symbol
Parameter
TA = −40 to +855C
TJ=−40 to +1255C
Unit
Min
Typ
Max
tCCDebounce
Time from CC Voltage Detection until SW goes LOW
100
150
200
ms
tPDDebounce
Time from CC Voltage Not Detected until SW goes to High−Z
10
15
20
ms
Table 9. IO SPECIFICATIONS
Symbol
Parameter
Conditions
VDD (V)
TA = −40 to +855C
TJ=−40 to +1255C
Unit
Min
Typ
Max
VOLSW
SW Output Low Voltage
IOL=4 mA
3.0 to 5.5
0.4
V
VILHOST
HOST1/2 Low−Level Input Voltage
3.0 to 5.5
0.3VDD
V
VIHHOST
HOST1/2 High−Level Input Voltage
3.0 to 5.5
0.7VDD
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com