Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3301 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FUSB3301
Description  Controller for Controller for Adapters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3301 Datasheet(HTML) 2 Page - ON Semiconductor

  FUSB3301 Datasheet HTML 1Page - ON Semiconductor FUSB3301 Datasheet HTML 2Page - ON Semiconductor FUSB3301 Datasheet HTML 3Page - ON Semiconductor FUSB3301 Datasheet HTML 4Page - ON Semiconductor FUSB3301 Datasheet HTML 5Page - ON Semiconductor FUSB3301 Datasheet HTML 6Page - ON Semiconductor FUSB3301 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FUSB3301
www.onsemi.com
2
ORDERING INFORMATION
Part Number
Top Mark
Operating Temperature Range
Package
Packing Method
FUSB3301MPX
NZ
−40 to 85°C
10−Lead, MLP, 3 mm x 3 mm
Tape and Reel
Figure 1. Block Diagram
Figure 2. Typical Application
VBUS _OUT
GND
GND
RX1+
TX1+
RX1−
TX1−
VBUS
RFU1
CC1
D−
D+
D+
D−
CC2
RFU2
VBUS
TX2−
RX2−
TX2+
RX2+
TYPE−C
Source
State Machine
VDD
CC1
CC2
GND
VBUS _IN
FUSB 3301
HOST1
LOAD
SWITCH
CC Switches ,
I(Rp)/Rd &
Comparators Block
HOST 2
SW
VBUS
GND
GND
RX1+
TX1+
RX1−
TX1−
VBUS
RFU1
CC1
D−
D+
D+
D−
CC2
RFU2
VBUS
TX2−
RX2−
TX2+
RX2+
TYPE−C
FUSB3301
Vo
LOAD
SWITCH
Secondary Side
Controller
SW
Table 1. PIN DESCRIPTIONS
Pin #
Name
Type
Description
1
CC1
Input/Output
Type−C Configuration Channel
2
NC1 (Note 1)
NC
No Connect
3
NC2 (Note 1)
NC
No Connect
4
NC3 (Note 1)
NC
No Connect
5
HOST1
Input
Host Current Select Pin with Internal Pull−up
6
HOST2
Input
Host Current Select Pin with Internal Pull−up
7
SW
Output
Open Drain output to control the VBUS load switch
8
GND
Power
Ground
9
VDD
Power
Power Supply
10
CC2
Input/Output
Type−C Configuration Channel
1. No connect pins can float or can be tied to ground.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com