Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM1272MF Datasheet(PDF) 7 Page - Sanken electric

Part # SCM1272MF
Description  600V High Voltage 3-phase Motor Driver ICs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1272MF Datasheet(HTML) 7 Page - Sanken electric

Back Button SCM1272MF Datasheet HTML 3Page - Sanken electric SCM1272MF Datasheet HTML 4Page - Sanken electric SCM1272MF Datasheet HTML 5Page - Sanken electric SCM1272MF Datasheet HTML 6Page - Sanken electric SCM1272MF Datasheet HTML 7Page - Sanken electric SCM1272MF Datasheet HTML 8Page - Sanken electric SCM1272MF Datasheet HTML 9Page - Sanken electric SCM1272MF Datasheet HTML 10Page - Sanken electric SCM1272MF Datasheet HTML 11Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
SCM1270MF Series
SCM1270MF-DSE Rev.1.4
SANKEN ELECTRIC CO., LTD.
7
Aug. 9, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2017
3.2.
Bootstrap Diode Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Remarks
Bootstrap Diode Leakage Current
ILBD
VR = 600 V
—
—
10
μA
Bootstrap Diode Forward
Voltage
VFB
IFB = 0.15 A
—
1.1
1.3
V
Bootstrap Diode Series Resistor
RBOOT
17.6
22.0
26.4
Ω
3.3.
Thermal Resistance Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Remarks
Junction-to-Case Thermal
Resistance
( 1)
R(j-c)Q
( 2)
1 element operating
(IGBT)
—
—
3.7
°C/W
SCM1271MF
—
—
3
SCM1272MF
SCM1274MF
SCM1276MF
R(j-c)F
( 3)
1 element operating
(freewheeling diode)
—
—
4.5
°C/W
SCM1271MF
—
—
4
SCM1272MF
SCM1274MF
SCM1276MF
(1) Refers to a case temperature at the measurement point described in Figure 3-1, below.
(2) Refers to steady-state thermal resistance between the junction of the built-in transistors and the case. For transient
thermal characteristics, see Section 15.1.
(3) Refers to steady-state thermal resistance between the junction of the built-in freewheeling diodes and the case.
Measurement point
1
24
33
25
Figure 3-1.
Case Temperature Measurement Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com