Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM1272MF Datasheet(PDF) 22 Page - Sanken electric

Part # SCM1272MF
Description  600V High Voltage 3-phase Motor Driver ICs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1272MF Datasheet(HTML) 22 Page - Sanken electric

Back Button SCM1272MF Datasheet HTML 18Page - Sanken electric SCM1272MF Datasheet HTML 19Page - Sanken electric SCM1272MF Datasheet HTML 20Page - Sanken electric SCM1272MF Datasheet HTML 21Page - Sanken electric SCM1272MF Datasheet HTML 22Page - Sanken electric SCM1272MF Datasheet HTML 23Page - Sanken electric SCM1272MF Datasheet HTML 24Page - Sanken electric SCM1272MF Datasheet HTML 25Page - Sanken electric SCM1272MF Datasheet HTML 26Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
SCM1270MF Series
SCM1270MF-DSE Rev.1.4
SANKEN ELECTRIC CO., LTD.
22
Aug. 9, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2017
circuit with a built-
in 22 kΩ pull-down resistor, and its
input logic is active high.
Input signals across the HINx–COMx and the
LINx–COMx pins in each phase should be set within the
ranges provided in Table 12-1, below. Note that dead
time setting must be done for HINx and LINx signals
because the IC does not have a dead time generator.
The higher PWM carrier frequency rises, the more
switching loss increases. Hence, the PWM carrier
frequency must be set
so that operational case
temperatures and junction temperatures have sufficient
margins against the absolute maximum ranges, specified
in Section 1.
If the signals from the microcontroller become
unstable, the IC may result in malfunctions. To avoid
this event, the outputs from the microcontroller output
line should not be high impedance. Also, if the traces
from the microcontroller to the HINx or LINx pin (or
both) are too long, the traces may be interfered by noise.
Therefore, it is recommended to add an additional filter
or a pull-down resistor near the HINx or LINx pin as
needed (see Figure 12-6).
Here are filter circuit constants for reference:
- RIN1x: 33
Ω to 100 Ω
- RIN2x: 1
kΩ to 10 kΩ
- CINx: 100 pF to 1000 pF
Care should be taken when adding RIN1x and RIN2x to
the traces. When they are connected each other, the
input voltage of the HINx and LINx pins becomes
slightly
lower
than
the
output
voltage
of
the
microcontroller.
Table 12-1.
Input Signals for HINx and LINx Pins
Parameter
High Level Signal
Low Level Signal
Input Voltage
3 V < VIN < 5.5 V
0 V < VIN < 0.5 V
Input Pulse
Width
≥0.5 μs
≥0.5 μs
PWM Carrier
Frequency
≤20 kHz
Dead Time
≥1.5 μs
HINx
(LINx)
COMx
5 V
2 k
Ω
22 k
Ω
U1
Figure 12-5.
Internal Circuit Diagram of HINx or
LINx Pin
RIN1
RIN2
CIN
U1
Input
signal
Controller
HINx
(LINx)
SCM1270MF
Figure 12-6.
Filter Circuit for HINx or LINx Pin
12.2.7. VBB
This is the input pin for the main supply voltage, i.e.,
the positive DC bus. All of the IGBT collectors of the
high-side are connected to this pin. Voltages between
the VBB and COMx pins should be set within the
recommended range of the main supply voltage, VDC,
given in Section 2. To suppress surge voltages, put a
0.01 μF to 0.1 μF bypass capacitor, C
S, near the VBB
pin and an electrolytic capacitor, CDC, with a minimal
length of PCB traces to the VBB pin.
12.2.8. LS1, LS2, and LS3
These are the emitter pins of the low-side IGBTs. For
current detection, the LS1, LS2, and LS3 pins should be
connected externally on a PCB via a shunt resistor, RS,
to the COMx pin. Otherwise, malfunction may occur
because a longer circuit trace increases its inductance
and thus increases
its
susceptibility to improper
operations. In applications where long PCB traces are
required, add a fast recovery diode, DRS, between the
LSx and COMx pins in order to prevent the IC from
malfunctioning.
COM1
VBB
LS3
LS2
LS1
COM2
COM3
VDC
RS
CDC
CS
33
27
30
25
4
12
20
Put a shunt resistor near
the IC with a minimum
length to the LSx pin.
Add a fast recovery
diode to a long trace.
DRS
U1
OCP1,
OCP3
Figure 12-7.
Connections to LSx Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com