Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM1272MF Datasheet(PDF) 21 Page - Sanken electric

Part # SCM1272MF
Description  600V High Voltage 3-phase Motor Driver ICs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1272MF Datasheet(HTML) 21 Page - Sanken electric

Back Button SCM1272MF Datasheet HTML 17Page - Sanken electric SCM1272MF Datasheet HTML 18Page - Sanken electric SCM1272MF Datasheet HTML 19Page - Sanken electric SCM1272MF Datasheet HTML 20Page - Sanken electric SCM1272MF Datasheet HTML 21Page - Sanken electric SCM1272MF Datasheet HTML 22Page - Sanken electric SCM1272MF Datasheet HTML 23Page - Sanken electric SCM1272MF Datasheet HTML 24Page - Sanken electric SCM1272MF Datasheet HTML 25Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
SCM1270MF Series
SCM1270MF-DSE Rev.1.4
SANKEN ELECTRIC CO., LTD.
21
Aug. 9, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2017
level-shifting process. When a noise-induced rapid
voltage
drop
between
the
VBx
and
HSx
pins
(“VBx–HSx”) occurs after the Set signal generation, the
next Reset signal cannot be sent to the SR flip-flop
circuit. And the state of an HOx signal stays logic high
(or “H”) because the SR flip-flop does not respond. With
the HOx state being held high (i.e., the high-side
transistor is in an on-state), the next LINx signal turns
on
the
low-side
transistor
and
causes
a
simultaneously-on condition, which may result in
critical damage to the IC. To protect the VBx pin against
such a noise effect, add a bootstrap capacitor, CBOOTx, in
each phase. CBOOTx must be placed near the IC, and be
connected between the VBx and HSx pins with a
minimal length of traces.
To use an electrolytic capacitor, add a 0.01 μF to 0.1
μF bypass capacitor, C
Px, in parallel near these pins used
for the same phase.
HINx
Input
logic
Pulse
generator
COMx
Set
Reset
HOx
VBx
HSx
S
R
Q
U1
Figure 12-2.
Internal Level-shifting Circuit
HINx
Set
Reset
VBx-HSx
Q
0
VBS(OFF)
0
0
0
0
VBS(ON)
Stays logic high
Figure 12-3.
Waveforms at VBx–HSx Voltage Drop
12.2.3. HS1, HS2, and HS3
These pins are the grounds of the high-side floating
power supplies for each phase, and are connected to the
negative nodes of bootstrap capacitors, CBOOTx. The HS1,
HS2, and HS3 pins are internally connected to the U, V,
and W pins, respectively.
12.2.4. VCC1, VCC2, and VCC3
These are the logic supply pins for the built-in
pre-driver ICs. The VCC1, VCC2, and VCC3 pins must
be externally connected on a PCB because they are not
internally connected. To prevent malfunction induced by
supply ripples or other factors, put a 0.01 μF to 0.1 μF
ceramic capacitor, CVCCx, near these pins. To prevent
damage caused by surge voltages, put an 18 V to 20 V
Zener diode, DZ, between the VCCx and COMx pins.
Voltages to be applied between the VCCx and COMx
pins should be regulated within the recommended
operational range of VCC, given in Section 2.
12.2.5. COM1, COM2, and COM3
These are the logic ground pins for the built-in
pre-driver ICs. For proper control, the control parts in
each phase must be connected to the corresponding
ground pin. The COM1, COM2, and COM3 pins should
be connected externally on a PCB because they are not
internally connected. Varying electric potential of the
logic ground can be a cause of improper operations.
Therefore, connect the logic ground as close and short as
possible to a shunt resistor, RS, at a single-point ground
(or star ground) which is separated from the power
ground (see Figure 12-4). Moreover, extreme care
should be taken when wiring so that currents from the
power ground do not affect the COMx pin.
COM1
VBB
LS3
LS2
LS1
COM2
COM3
VDC
RS
CDC
CS
OCP1, OCP3
33
27
30
25
4
12
20
Create a single-point ground
(a star ground) near RS, but
keep it separated from the
power ground.
Connect COM1, COM2,
and COM3 on a PCB.
U1
Figure 12-4.
Connections to Logic Ground
12.2.6. HIN1, HIN2, and HIN3;
LIN1, LIN2, and LIN3
These are the input pins of the internal motor drivers
for each phase. The HINx pin acts as a high-side
controller; the LINx pin acts as a low-side controller.
Figure 12-5 shows an internal circuit diagram of the
HINx or LINx pin. This is a CMOS Schmitt trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com