Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MML09231HT1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MML09231HT1
Description  Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MML09231HT1 Datasheet(HTML) 2 Page - NXP Semiconductors

  MML09231HT1 Datasheet HTML 1Page - NXP Semiconductors MML09231HT1 Datasheet HTML 2Page - NXP Semiconductors MML09231HT1 Datasheet HTML 3Page - NXP Semiconductors MML09231HT1 Datasheet HTML 4Page - NXP Semiconductors MML09231HT1 Datasheet HTML 5Page - NXP Semiconductors MML09231HT1 Datasheet HTML 6Page - NXP Semiconductors MML09231HT1 Datasheet HTML 7Page - NXP Semiconductors MML09231HT1 Datasheet HTML 8Page - NXP Semiconductors MML09231HT1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Figure 1. Pin Connections
(Top View)
RFout/VDD
RFin
18
27
36
N.C.
4
5
VBIAS
N.C.
Power Down
N.C.
GND
N.C.
Note: Exposed backside of the package is
DC and RF ground.
2
RF Device Data
Freescale Semiconductor, Inc.
MML09231HT1
Table 4. Electrical Characteristics (VDD = 5 Vdc, 900 MHz, TA =25C, 50 ohm system, in Freescale Application Circuit)
Characteristic
Symbol
Min
Typ
Max
Unit
Small--Signal Gain (S21)
Gp
15.8
17.2
—
dB
Input Return Loss (S11)
IRL
—
--15
—
dB
Output Return Loss (S22)
ORL
—
--15
—
dB
Power Output @ 1dB Compression
P1dB
—
24.5
—
dBm
Third Order Input Intercept Point
IIP3
—
20.2
—
dBm
Third Order Output Intercept Point
OIP3
—
37.4
—
dBm
Reverse Isolation (S12)
|S12|
—
--21
—
dB
Noise Figure (1)
NF
—
0.36
—
dB
Supply Current (2)
IDD
40
55
70
mA
Supply Voltage
VDD
—
5
—
V
Supply Current in Power Down Mode
IPD
—
1.1
—
mA
Logic Voltage for Power Down (3)
Input High Voltage
Input Low Voltage
VPD
2.2
0
—
—
VDD
0.5
V
1. Noise figure value calculated with connector losses removed.
2. DC current measured with no RF signal applied.
3. Limits derived from device characterization.
Table 5. Functional Pin Description
Pin
Number
Pin Function
1
VBIAS
2
RFin
3
No Connection
4
No Connection
5
No Connection
6
No Connection
7
RFout/Supply Voltage
8
Power Down (active high)
Table 6. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD 22--A114)
1B, passes 700 V
Machine Model (per EIA/JESD 22--A115)
A
Charge Device Model (per JESD 22--C101)
IV
Table 7. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
1
260
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com