Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MML09231HT1 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MML09231HT1
Description  Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MML09231HT1 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MML09231HT1 Datasheet HTML 2Page - NXP Semiconductors MML09231HT1 Datasheet HTML 3Page - NXP Semiconductors MML09231HT1 Datasheet HTML 4Page - NXP Semiconductors MML09231HT1 Datasheet HTML 5Page - NXP Semiconductors MML09231HT1 Datasheet HTML 6Page - NXP Semiconductors MML09231HT1 Datasheet HTML 7Page - NXP Semiconductors MML09231HT1 Datasheet HTML 8Page - NXP Semiconductors MML09231HT1 Datasheet HTML 9Page - NXP Semiconductors MML09231HT1 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
MML09231HT1
50 OHM TYPICAL CHARACTERISTICS: 900 MHz
0.9
Figure 8. Noise Figure versus Frequency
versus Temperature
f, FREQUENCY (MHz)
1.5
0.5
1.3
0.7
0.3
1.1
0.1
700
840
980
1120
1260
1400
--40C
Figure 9. Third Order Output Intercept Point
(Two--Tone) versus Frequency versus Temperature
f, FREQUENCY (MHz)
42
32
36
40
34
30
38
28
700
840
980
1120
1260
1400
Figure 10. P1dB versus Frequency versus
Temperature, CW
f, FREQUENCY (MHz)
27
26
25
22
24
21
23
28
700
840
980
1120
1260
1400
25C
85C
VDD =5 Vdc
1 MHz Tone Spacing
25C
85C
--40C
--40C
25C
VDD =5 Vdc
VDD =5 Vdc
85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com