Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MML09231HT1 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MML09231HT1
Description  Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MML09231HT1 Datasheet(HTML) 4 Page - NXP Semiconductors

  MML09231HT1 Datasheet HTML 1Page - NXP Semiconductors MML09231HT1 Datasheet HTML 2Page - NXP Semiconductors MML09231HT1 Datasheet HTML 3Page - NXP Semiconductors MML09231HT1 Datasheet HTML 4Page - NXP Semiconductors MML09231HT1 Datasheet HTML 5Page - NXP Semiconductors MML09231HT1 Datasheet HTML 6Page - NXP Semiconductors MML09231HT1 Datasheet HTML 7Page - NXP Semiconductors MML09231HT1 Datasheet HTML 8Page - NXP Semiconductors MML09231HT1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
MML09231HT1
50 OHM APPLICATION CIRCUIT: 900 MHz
R1
R2
C6
C5
C4
C3
C1
L1
C2
L2
RFIN
RFOUT
DFN 2x2--8N
Rev. 0
Figure 3. MML09231H Test Circuit Component Layout
NOTE: To achieve optimal noise performance, it is critical that proper biasing, input matching, supply
decoupling and grounding are employed.
Table 8. MML09231H Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1
100 pF Chip Capacitor
GRM1555C1H101JA01
Murata
C2
180 pF Chip Capacitor
GRM1555C1H181JA01
Murata
C3
27 pF Chip Capacitor
GRM1555C1H270JA01
Murata
C4
220 pF Chip Capacitor
GRM1555C1H221JA01
Murata
C5, C6
1000 pF Chip Capacitors
GRM1885C1H102JA01
Murata
L1
20 nH Chip Inductor
0402HP-20NXGLW
Coilcraft
L2
47 nH Chip Inductor
0402HP-47NXGLW
Coilcraft
R1
4.7 k 1/10 W Chip Resistor
CR21-472J-B
Kyocera
R2
0 , 1 A Chip Resistor
CR0402-J/-000GLFCT
Bourns
PCB
0.02, r =3.50
RO4350B
Rogers
(Test Circuit Component Designations and Values repeated for reference.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com