Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9524 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9524
Description  Jitter Cleaner and Clock Generator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9524 Datasheet HTML 9Page - Analog Devices AD9524 Datasheet HTML 10Page - Analog Devices AD9524 Datasheet HTML 11Page - Analog Devices AD9524 Datasheet HTML 12Page - Analog Devices AD9524 Datasheet HTML 13Page - Analog Devices AD9524 Datasheet HTML 14Page - Analog Devices AD9524 Datasheet HTML 15Page - Analog Devices AD9524 Datasheet HTML 16Page - Analog Devices AD9524 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Data Sheet
AD9524
Rev. F | Page 13 of 56
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
TOP VIEW
(Not to Scale)
AD9524
25
26
27
28
29
30
31
32
33
34
35
36
8
9
10
11
12
REFA
REFA
REFB
REFB
LF1_EXT_CAP
OSC_CTRL
OSC_IN
OSC_IN
LF2_EXT_CAP
LDO_PLL2
VDD3_PLL2
LDO_VCO
VDD1.8_OUT[2:3]
OUT2
OUT2
VDD3_OUT[2:3]
OUT3
OUT3
EEPROM_SEL
PD
RESET
REF_TEST
STATUS0/SP0
STATUS1/SP1
NOTES
1. PINS LABELED NC CAN BE ALLOWED TO FLOAT, BUT IT IS BETTER TO CONNECT THESE PINS TO GROUND.
AVOID ROUTING HIGH SPEED SIGNALS THROUGH THESE PINS BECAUSE NOISE COUPLING MAY RESULT.
ON EXISTING PCB DESIGNS, IT ISACCEPTABLE TO LEAVE PIN 42 CONNECTED TO 1.8V SUPPLY.
2. THE EXPOSED PADDLE IS THE GROUND CONNECTION ON THE CHIP. IT MUST BE
SOLDERED TO THE ANALOG GROUND OF THE PCB TO ENSURE PROPER FUNCTIONALITY
AND HEAT DISSIPATION, NOISE, AND MECHANICAL STRENGTH BENEFITS.
Figure 2. Pin Configuration
Table 19. Pin Function Descriptions
Pin
No.
Mnemonic
Type1
Description
1
REFA
I
Reference Clock Input A. Along with REFA, this pin is the differential input for the PLL reference.
Alternatively, this pin can be programmed as a single-ended 3.3 V CMOS input.
2
REFA
I
Complementary Reference Clock Input A. Along with REFA, this pin is the differential input for
the PLL reference. Alternatively, this pin can be programmed as a single-ended 3.3V CMOS input.
3
REFB
I
Reference Clock Input B. Along with REFB, this pin is the differential input for the PLL reference.
Alternatively, this pin can be programmed as a single-ended 3.3 V CMOS input.
4
REFB
I
Complementary Reference Clock Input B. Along with REFB, this pin is the differential input for
the PLL reference. Alternatively, this pin can be programmed as a single-ended 3.3 V CMOS input.
5
LF1_EXT_CAP
O
PLL1 External Loop Filter Capacitor. Connect a loop filter capacitor to this pin and to ground.
6
OSC_CTRL
O
Oscillator Control Voltage. Connect this pinto the voltage control pin of the external oscillator.
7
OSC_IN
I
PLL1 Oscillator Input. Along with OSC_IN, this pin is the differential input for the PLL reference.
Alternatively, this pin can be programmed as a single-ended 3.3 V CMOS input.
8
OSC_IN
I
Complementary PLL1 Oscillator Input. Along with OSC_IN, this pin is the differential input for the
PLL reference. Alternatively, this pin can be programmed as a single-ended 3.3 V CMOS input.
9
LF2_EXT_CAP
O
PLL2 External Loop Filter Capacitor Connection. Connect a capacitor to this pin and LDO_VCO.
10
LDO_PLL2
P/O
LDO Decoupling Pin for PLL2 1.8 V Internal Regulator. Connect a 0.47 μF decoupling capacitor
from this pin to ground. Note that for best performance, the LDO bypass capacitor must be
placed in close proximity to the device.
11
VDD3_PLL2
P
3.3 V Supply for PLL2.
12
LDO_VCO
P/O
2.5 V LDO Internal Regulator Decoupling Pin for VCO. Connect a 0.47 μF decoupling capacitor
from this pin to ground. Note that, for best performance, the LDO bypass capacitor must be
placed in close proximity to the device.
13
SYNC
I
Manual Synchronization. This pin initiates a manual synchronization and has an internal
40 kΩ pull-up resistor.
14
VDD3_REF
P
3.3 V Supply for Output Clock Drivers Reference.
15
CS
I
Serial Control Port Chip Select, Active Low. This pin has an internal 40 kΩ pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com