Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9524 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9524
Description  Jitter Cleaner and Clock Generator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9524 Datasheet HTML 13Page - Analog Devices AD9524 Datasheet HTML 14Page - Analog Devices AD9524 Datasheet HTML 15Page - Analog Devices AD9524 Datasheet HTML 16Page - Analog Devices AD9524 Datasheet HTML 17Page - Analog Devices AD9524 Datasheet HTML 18Page - Analog Devices AD9524 Datasheet HTML 19Page - Analog Devices AD9524 Datasheet HTML 20Page - Analog Devices AD9524 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Data Sheet
AD9524
Rev. F | Page 17 of 56
INPUT/OUTPUT TERMINATION RECOMMENDATIONS
100
Ω
0.1µF
0.1µF
DOWNSTREAM
DEVICE
LVDS
OUTPUT
HIGH
IMPEDANCE
INPUT
AD9524
Figure 15. AC-Coupled LVDS Output Driver
100
Ω
DOWNSTREAM
DEVICE
LVDS
OUTPUT
AD9524
HIGH
IMPEDANCE
INPUT
Figure 16. DC-Coupled LVDS Output Driver
100
Ω
0.1µF
0.1µF
DOWNSTREAM
DEVICE
LVPECL-
COMPATIBLE
OUTPUT
HIGH
IMPEDANCE
INPUT
AD9524
Figure 17. AC-Coupled LVPECL Output Driver
100
Ω
DOWNSTREAM
DEVICE
LVPECL-
COMPATIBLE
OUTPUT
HIGH
IMPEDANCE
INPUT
AD9524
Figure 18. DC-Coupled LVPECL Output Driver
100
Ω
0.1µF
0.1µF
DOWNSTREAM
DEVICE
HSTL
OUTPUT
HIGH
IMPEDANCE
INPUT
AD9524
Figure 19. AC-Coupled HSTL Output Driver
100
Ω
DOWNSTREAM
DEVICE
HSTL
OUTPUT
HIGH
IMPEDANCE
INPUT
AD9524
Figure 20. DC-Coupled HSTL Output Driver
100
Ω
(OPTIONAL1)
1RESISTOR VALUE DEPENDS UPON
REQUIRED TERMINATION OF SOURCE.
0.1µF
0.1µF
SELF-BIASED
REF, VCXO,
ZERO DELAY
INPUTS
AD9524
Figure 21. REF, VCXO, and Zero Delay Input, Differential Mode (When In
CMOS Single-Ended Input Mode, the Unused Input Can Be Left Unconnected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com