Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9524 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9524
Description  Jitter Cleaner and Clock Generator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9524 Datasheet HTML 19Page - Analog Devices AD9524 Datasheet HTML 20Page - Analog Devices AD9524 Datasheet HTML 21Page - Analog Devices AD9524 Datasheet HTML 22Page - Analog Devices AD9524 Datasheet HTML 23Page - Analog Devices AD9524 Datasheet HTML 24Page - Analog Devices AD9524 Datasheet HTML 25Page - Analog Devices AD9524 Datasheet HTML 26Page - Analog Devices AD9524 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
Data Sheet
AD9524
Rev. F | Page 23 of 56
CLOCK DISTRIBUTION
The clock distribution block provides an integrated solution for
generating multiple clock outputs based on frequency dividing
the PLL2 VCO divider output. The distribution output consists
of six channels (OUT0 to OUT5). Each of the output channels
has a dedicated divider and output driver, as shown in Figure 25.
The AD9524 also has the capability to route the VCXO output
to two of the outputs (OUT0 and OUT1).
Clock Dividers
The output clock distribution dividers are referred to as D0 to D5,
corresponding to output channels OUT0 through OUT5,
respectively. Each divider is programmable with 10 bits of division
depth that is equal to 1 to 1024. Dividers have duty cycle correction
to always give 50% duty cycle, even for odd divides.
Output Power-Down
Each of the output channels offers independent control of the
power-down functionality via the Channel 0 to Channel 5 control
registers (see Table 52). Each output channel has a dedicated
power-down bit for powering down the output driver. However,
if all six outputs are powered down, the entire distribution output
enters a deep sleep mode. Although each channel has a channel
power-down control signal, it may sometimes be desirable to
power down an output driver while maintaining the divider’s
synchronization with the other channel dividers. This is accom-
plished by placing the output in tristate mode (this works in
CMOS mode, as well).
Multimode Output Drivers
The user has independent control of the operating mode of each of
the fourteen output channels via the Channel 0 to Channel 5
control registers (see Table 52). The operating mode control
includes the following:
•
Logic family and pin functionality
•
Output drive strength
•
Output polarity
The four least significant bits (LSBs) of each of the six Channel 0 to
Channel 5 control registers comprise the driver mode bits. The
mode value selects the desired logic family and pin functionality
of an output channel, as listed in Table 52. This driver design
allows a common 100 Ω external resistor for all the different
driver modes of operation that are illustrated in Figure 26.
If the output channel is ac-coupled to the circuit to be clocked,
changing the mode varies the voltage swing to determine sensi-
tivity to the drive level. For example, in LVDS mode, a current of
3.5 mA causes a 350 mV peak voltage. Likewise, in LVPECL
compatible mode, a current of 8 mA causes an 800 mV peak
voltage at the 100 Ω load resistor. Using any termination other
than those specified in the Input/Output Termination
Recommendations section may results in damage or decrease
end of life performance.
In addition to the four mode bits, each of the six Channel 0 to
Channel 5 control registers includes the following control bits:
•
Invert divider output. Enables the user to choose between
normal polarity and inverted polarity. Normal polarity is the
default state. Inverted polarity reverses the representation of
Logic 0 and Logic 1, regardless of the logic family.
•
Ignore sync. Makes the divider ignore the SYNC signal
from any source.
•
Power-down channel. Powers down the entire channel.
•
Lower power mode.
•
Driver mode.
•
Channel divider.
•
Divider phase.
3.5mA/8mA
LVDS/LVPECL
ENABLED
HSTL
ENABLED
HSTL
ENABLED
50Ω
50Ω
P
N
N
P
100Ω LOAD
CM
VDD3_OUT[x:y]
1.25V LVDS
VDD – 1.3V LVPECL
CM
COMMON-MODE
CIRCUIT
+
–
Figure 26. Multimode Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com