Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9542 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9542
Description  Quad Input, Five-Output, Dual DPLL Synchronizer and Adaptive Clock Translator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9542 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9542 Datasheet HTML 9Page - Analog Devices AD9542 Datasheet HTML 10Page - Analog Devices AD9542 Datasheet HTML 11Page - Analog Devices AD9542 Datasheet HTML 12Page - Analog Devices AD9542 Datasheet HTML 13Page - Analog Devices AD9542 Datasheet HTML 14Page - Analog Devices AD9542 Datasheet HTML 15Page - Analog Devices AD9542 Datasheet HTML 16Page - Analog Devices AD9542 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
Data Sheet
AD9542
Rev. 0 | Page 13 of 61
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SCLK
Clock Rate, 1/t
CLK
50
MHz
Pulse Width High, t
HIGH
5
ns
Pulse Width Low, t
LOW
9
ns
SDIO to SCLK Setup, t
DS
2.2
ns
SCLK to SDIO Hold, t
DH
0
ns
SCLK to Valid SDIO and SDO, t
DV
9
ns
CSB to SCLK Setup, t
S
1.5
ns
CSB to SCLK Hold, t
C
0
ns
CSB Minimum Pulse Width High
1
t
CLK
I
2C Mode
Table 18.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SDA, SCL (AS INPUTS)
Valid for VDDIOA = 3.3 V, 1.8 V, and 2.5 V
Input Logic 1 Voltage
70
% of VDDIOA
Input Logic 0 Voltage
0.3 ×
VDDIOA
V
Input Current
−10
+10
µA
For V
IN = 10% to 90% of VDDIOA
Hysteresis of Schmitt Trigger Inputs
1.5
% of VDDIOA
SDA (AS OUTPUT)
Output Logic 0 Voltage
0.2
V
I
OUT = 3 mA
Output Fall Time from V
IH Minimum
to V
IL Maximum
20 + 0.1 × C
B
250
ns
10 pF ≤ C
B ≤ 400 pF
TIMING
SCL Clock Rate
400
kHz
Bus Free Time Between a Stop and
Start Condition, t
BUF
1.3
µs
Repeated Start Condition Setup
Time, t
SU; STA
0.6
µs
Repeated Hold Time Start
Condition, t
HD; STA
0.6
µs
After this period, the first clock pulse is
generated
Stop Condition Setup Time, t
SU; STO
0.6
µs
Low Period of the SCL Clock, t
LOW
1.3
µs
High Period of the SCL Clock, t
HIGH
0.6
µs
SCL/SDA Rise Time, t
R
20 + 0.1 × C
B
300
ns
SCL/SDA Fall Time, t
F
20 + 0.1 × C
B
300
ns
Data Setup Time, t
SU; DAT
100
ns
Data Hold Time, t
HD; DAT
100
ns
Capacitive Load for Each Bus Line, C
B
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com