Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9542 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9542
Description  Quad Input, Five-Output, Dual DPLL Synchronizer and Adaptive Clock Translator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9542 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9542 Datasheet HTML 16Page - Analog Devices AD9542 Datasheet HTML 17Page - Analog Devices AD9542 Datasheet HTML 18Page - Analog Devices AD9542 Datasheet HTML 19Page - Analog Devices AD9542 Datasheet HTML 20Page - Analog Devices AD9542 Datasheet HTML 21Page - Analog Devices AD9542 Datasheet HTML 22Page - Analog Devices AD9542 Datasheet HTML 23Page - Analog Devices AD9542 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
AD9542
Data Sheet
Rev. 0 | Page 20 of 61
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
14
OUT0BP
Output
HCSL, LVDS,
CML, CMOS
PLL0 Output 0B.
15
OUT0BN
Output
HCSL, LVDS,
CML, CMOS
PLL0 Complementary Output 0B.
16, 21, 44
DNC
DNC
No Connect
Do Not Connect. Leave these pins floating.
17
OUT0CP
Output
HCSL, LVDS,
CML, CMOS
PLL0 Output 0C.
18
OUT0CN
Output
HCSL, LVDS,
CML, CMOS
PLL0 Complementary Output 0C.
22
OUT1BP
Output
HCSL, LVDS,
CML, CMOS
PLL1 Output 1B.
23
OUT1BN
Output
HCSL, LVDS,
CML, CMOS
PLL1 Complementary Output 1B.
25
OUT1AP
Output
HCSL, LVDS,
CML, CMOS
PLL1 Output 1A.
26
OUT1AN
Input/
Output
HCSL, LVDS,
CML, CMOS
PLL1 Complementary Output 1A.
29
LF1
Input/
output
Loop filter
for APLL1
Loop Filter Node for APLL1. Connect a 3.9 nF capacitor from this pin to Pin 30 (LDO1).
30
LDO1
Input
LDO bypass
APLL1 Loop Filter Voltage Regulator. Connect a 0.1 μF capacitor from this pin to
ground. This pin is the ac ground reference for the integrated APLL1 loop filter.
32, 33, 35,
36, 37
M0, M1,
M2, M3, M4
Input/
output
CMOS
Configurable Input/Output Pins. These are status and control pins. Changes to the
VDDIOB supply voltage affect the V
IH and VOH values for these pins. M3 and M4 have
internal 100 kΩ pull-down resistors. M0, M1, and M2 do not have internal resistors.
34
VDDIOB
Input
Power
Mx Pin Power Supply. This power supply powers the digital section that controls
the M0 to M4 pins. Valid supply voltages are 1.8 V, 2.5 V, or 3.3 V. The VDDIOB pin
can be connected to the VDD supply bus if 1.8 V operation is desired.
38
REFB
Input
1.8 V single-
ended or
differential
input
Reference B Input. This internally biased input is typically ac-coupled; when
configured in this manner, it can accept any differential signal with a single-ended
swing up to the VDD power supply. If dc-coupled, the input can be LVDS or single-
ended 1.8 V CMOS.
39
REFBB
Input
1.8 V single-
ended or
differential
input
Reference BB Input or Complementary Reference B Input. If REFB is in differential
mode, the REFB complementary signal is on this pin. No connection is necessary to
this pin if REFB is a single-ended input and REFBB is not used.
42
XOA
Input
Differential
input
System Clock Input. XOA contains internal dc biasing and is ac-coupled with a 0.01 μF
capacitor except when using a crystal. When a crystal is used, connect the crystal
across XOA and XOB. A single-ended CMOS input is also an option, but it can
produce spurious spectral content when the duty cycle is not 50%. When using
XOA as a single-ended input, connect a 0.1 μF capacitor from XOB to ground.
43
XOB
Input
Differential
input
Complementary System Clock Input. Complementary signal to XOA. XOB contains
internal dc biasing and is ac-coupled with a 0.1 μF capacitor except when using a
crystal. When a crystal is used, connect the crystal across XOA and XOB.
46
REFAA
Input
1.8 V single-
ended or
differential
input
Reference AA input or Complementary REFA Input. If REFA is in differential mode,
the REFA complementary signal is on this pin. No connection is necessary to this
pin if REFA is a single-ended input and REFAA is not used. If dc-coupled, the input
is single-ended 1.8 V CMOS.
47
REFA
Input
1.8 V single-
ended or
differential
input
Reference A Input. This internally biased input is typically ac-coupled; when
configured in this manner, it can accept any differential signal with a single-ended
swing up to the VDD power supply. If dc-coupled, the input can be LVDS or single-
ended 1.8 V CMOS.
48
RESETB
Input
1.8 V CMOS
logic
Active Low Chip Reset. This pin has an internal 100 kΩ pull-up resistor. When
asserted, the chip goes into reset. Changes to the VDDIOA supply voltage affect the
V
IH values for this pin.
EP
EPAD
Output
Exposed
pad
Exposed Pad. The exposed pad is the ground connection on the chip. The exposed
pad must be soldered to the analog ground of the PCB to ensure proper functionality
and for heat dissipation, noise, and mechanical strength benefits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com