Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9542 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9542
Description  Quad Input, Five-Output, Dual DPLL Synchronizer and Adaptive Clock Translator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9542 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9542 Datasheet HTML 17Page - Analog Devices AD9542 Datasheet HTML 18Page - Analog Devices AD9542 Datasheet HTML 19Page - Analog Devices AD9542 Datasheet HTML 20Page - Analog Devices AD9542 Datasheet HTML 21Page - Analog Devices AD9542 Datasheet HTML 22Page - Analog Devices AD9542 Datasheet HTML 23Page - Analog Devices AD9542 Datasheet HTML 24Page - Analog Devices AD9542 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
Data Sheet
AD9542
Rev. 0 | Page 21 of 61
TYPICAL PERFORMANCE CHARACTERISTICS
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 224fs
PHASE NOISE (dBc/Hz):
10Hz
–81
100Hz
–98
1kHz
–118
10kHz
–128
100kHz
–134
1MHz
–144
10MHz
–158
>30MHz
–159
FLOOR
–161
fOUT = 155.52MHz
Figure 3. Absolute Phase Noise (PLL0, Configuration 1, HCSL Mode,
fREF = 38.88 MHz, fOUT = 155.52 MHz, fSYS = 52 MHz Crystal, 50 Hz DPLL BW)
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 220fs
PHASE NOISE (dBc/Hz):
10Hz
–77
100Hz
–93
1kHz
–114
10kHz
–125
100kHz
–130
1MHz
–140
10MHz
–156
>30MHz
–158
FLOOR
–161
fOUT = 245.76MHz
Figure 4. Absolute Phase Noise (PLL0, Configuration 2, HCSL Mode,
fREF = 30.72 MHz, fOUT = 245.76 MHz, fSYS = 52 MHz Crystal, 50 Hz DPLL BW)
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 234.5fs
PHASE NOISE (dBc/Hz):
10Hz
–74
100Hz
–89
1kHz
–108
10kHz
–119
100kHz
–123
1MHz
–134
10MHz
–152
>30MHz
–155
FLOOR
–159
fOUT = 491.52MHz
Figure 5. Absolute Phase Noise (PLL0, Configuration 3, HCSL Mode,
fREF = 1 Hz, fOUT = 491.52 MHz, fCOMP = 19.2 MHz TCXO, fSYS = 52 MHz Crystal,
50 MHz DPLL BW)
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 213fs
PHASE NOISE (dBc/Hz):
10Hz
–84
100Hz
–106
1kHz
–120
10kHz
–131
100kHz
–136
1MHz
–147
10MHz
–160
>30MHz
–160
FLOOR
–163
fOUT = 125.0MHz
Figure 6. Absolute Phase Noise (PLL0, Configuration 4, HCSL Mode,
fREF = 125 MHz, fOUT = 125.0 MHz, fCOMP = 19.2 MHz TCXO, fSYS = 52 MHz Crystal,
0.1 Hz DPLL BW, Phase Buildout Mode)
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 217fs
PHASE NOISE (dBc/Hz):
10Hz
–74
100Hz
–91
1kHz
–112
10kHz
–123
100kHz
–128
1MHz
–138
10MHz
–154
>30MHz
–157
FLOOR
–161
fOUT = 312.5MHz
Figure 7. Absolute Phase Noise (PLL0, Configuration 5, HCSL Mode,
fREF = 25 MHz, fOUT = 312.5 MHz, fSYS = 52 MHz Crystal, 50 Hz DPLL BW,
Phase Buildout Mode)
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 230fs
PHASE NOISE (dBc/Hz):
10Hz
–82
100Hz
–99
1kHz
–117
10kHz
–127
100kHz
–133
1MHz
–143
10MHz
–157
>30MHz
–158
FLOOR
–160
fOUT = 174.7MHz
Figure 8. Absolute Phase Noise (PLL0, Configuration 6, HCSL Mode,
fREF = 155.52 MHz, fOUT = 174.7 MHz, fSYS = 52 MHz Crystal, 50 Hz DPLL BW,
Phase Buildout Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com