Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9543 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9543
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 Synchronizer and Jitter Cleaner
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9543 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9543 Datasheet HTML 13Page - Analog Devices AD9543 Datasheet HTML 14Page - Analog Devices AD9543 Datasheet HTML 15Page - Analog Devices AD9543 Datasheet HTML 16Page - Analog Devices AD9543 Datasheet HTML 17Page - Analog Devices AD9543 Datasheet HTML 18Page - Analog Devices AD9543 Datasheet HTML 19Page - Analog Devices AD9543 Datasheet HTML 20Page - Analog Devices AD9543 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
Data Sheet
AD9543
Rev. 0 | Page 17 of 66
JITTER GENERATION (RANDOM JITTER)
Table 22.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
JITTER GENERATION
System clock doubler enabled; high phase margin mode enabled;
there is not a significant jitter difference between driver modes
Channel 0—DPLL0, APLL0
Channel 1 powered down
RMS Jitter (12 kHz to 20 MHz)
Configuration 1—155.52 MHz
223
fs
Device configuration: fSYSCLK = 52 MHz XTAL, fREF = 38.88 MHz, fVCO =
2488.32 MHz, fOUT = 155.52 MHz, BWDPLL = 50 Hz, phase buildout
operation
Configuration 2—245.76 MHz
220
fs
Device configuration: fSYSCLK = 52 MHz XTAL, fREF = 30.72 MHz, fVCO =
2457.6 MHz, fOUT = 245.76 MHz, BWDPLL = 50 Hz, internal zero delay
operation
Configuration 3—491.52 MHz
235
fs
Device configuration: fSYSCLK = 52 MHz XTAL, fCOMP = 19.2 MHz
temperature compensated crystal oscillator (TCXO), BWCOMP =
50 Hz, fREF = 1 Hz, fVCO = 2949.12 MHz, fOUT = 491.52 MHz, BWDPLL =
50 mHz, phase buildout operation
Configuration 4—125 MHz
213
fs
Device configuration: fSYSCLK = 52 MHz XTAL, fCOMP = 19.2 MHz TCXO,
BWCOMP = 50 Hz, fREF = 125 MHz, fVCO = 2500 MHz, fOUT = 125 MHz,
BWDPLL = 0.1 Hz, phase buildout operation
Configuration 5—312.5 MHz
217
fs
Device configuration: fSYSCLK = 52 MHz XTAL, fREF = 25 MHz, fVCO =
2500 MHz, fOUT = 312.5 MHz, BWDPLL = 50 Hz, phase buildout
operation
Configuration 6—174.7030837 MHz
230
fs
Device configuration: fSYSCLK = 52 MHz XTAL, fREF = 155.52 MHz, fVCO =
2620.5463 MHz, fOUT = (155.52 × 255/227) MHz, BWDPLL = 50 Hz
Channel 1—DPLL1, APLL1
Channel 0 powered down
RMS Jitter (12 kHz to 20 MHz)
Configuration 1—155.52 MHz
247
fs
Device configuration: fSYSCLK = 52 MHz XTAL, fREF = 38.88 MHz, fVCO =
3265.92 MHz, fOUT = 155.52 MHz, BWDPLL = 50 Hz, phase buildout
operation, half divide enabled
Configuration 2—245.76 MHz
280
fs
Device configuration: fSYSCLK = 52 MHz XTAL, fREF = 30.72 MHz, fVCO =
3686.4 MHz, fOUT = 245.76 MHz, BWDPLL = 50 Hz, half divide enabled,
internal zero delay operation
Configuration 3—491.52 MHz
323
fs
Device configuration: fSYSCLK = 52 MHz XTAL, fCOMP = 19.2 MHz TCXO,
BWCOMP = 50 Hz, fREF = 1 Hz, fVCO = 3932.16 MHz, fOUT = 491.52 MHz,
BWDPLL = 50 mHz, phase buildout operation
Configuration 4—125 MHz
243
fs
Device configuration: fSYSCLK = 52 MHz XTAL, fCOMP = 19.2 MHz TCXO,
BWCOMP = 50 Hz, fREF = 125 MHz, fVCO = 3250 MHz, fOUT = 125 MHz,
BWDPLL = 0.1 Hz, phase buildout operation
Configuration 5—312.5 MHz
266
fs
Device configuration: fSYSCLK = 52 MHz XTAL, fREF = 25 MHz, fVCO =
3750 MHz, fOUT = 312.5 MHz, BWDPLL = 50 Hz, phase buildout
operation
Configuration 6—174.7030837 MHz
264
fs
Device configuration: fSYSCLK = 52 MHz XTAL, fREF = 155.52 MHz,
fVCO = 3319.3586 MHz, fOUT = (155.52 × 255/227) MHz, BWDPLL =
50 Hz, phase buildout operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com