Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9543 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9543
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 Synchronizer and Jitter Cleaner
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9543 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9543 Datasheet HTML 25Page - Analog Devices AD9543 Datasheet HTML 26Page - Analog Devices AD9543 Datasheet HTML 27Page - Analog Devices AD9543 Datasheet HTML 28Page - Analog Devices AD9543 Datasheet HTML 29Page - Analog Devices AD9543 Datasheet HTML 30Page - Analog Devices AD9543 Datasheet HTML 31Page - Analog Devices AD9543 Datasheet HTML 32Page - Analog Devices AD9543 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
Data Sheet
AD9543
Rev. 0 | Page 29 of 66
TERMINOLOGY
Zero Delay
Zero delay is seen in an integer-N PLL architecture that establishes
zero (or nearly zero, but constant) phase offset between the final
output signal and the signal appearing at the reference input of
the PLL phase detector. A PLL with zero delay provides minimal
input to output phase offset in the static (steady state) sense.
That is, phase slewing at the output typically occurs any time
the PLL is in the process of phase or frequency acquisition (for
example, when a multiple input PLL switches from one input
reference signal to another).
Hitless Switchover
Hitless switchover applies to PLLs with the ability to switch
from one reference signal to another while maintaining a
constant phase relationship from the active input to output.
Hitless switchover is the ability of a PLL to switch between
reference signals having an arbitrary initial instantaneous
phase offset. In hitless switching, the output signal slews in a
prescribed manner from its initial phase to the new phase, and
the absolute phase relationship from active input to output is
maintained. The reference switching scheme is hitless if the
phase slewing is gradual enough to not cause traffic hits caused
by the output clock phase slewing. A PLL employing hitless
switchover capability requires the output/input frequency ratio
to be an integer greater than or equal to 1. Hitless output phase
transient limitation applies any time the PLL is in the process of
phase or frequency acquisition (that is, it is not necessarily
limited to reference switching).
Phase Buildout (PBO) Switchover
PBO only applies to PLLs with the ability to switch from
one reference signal to another. PBO is the ability of a PLL to
switch between two reference signals having an arbitrary initial
instantaneous phase offset, whereby the phase of the output
signal remains fixed. This mode of operation implies the ability
of the PLL to absorb the phase difference between the two reference
input signals, the goal being to prevent a phase disturbance at
the output when switching between two reference signals.
Prevention of a phase disturbance at the output means there is
no guarantee of phase alignment between the input and output
signals. Unlike hitless switchover, PBO places no restriction on
the output/input frequency ratio. PBO output phase transient
prevention applies any time the PLL is in the process of phase or
frequency acquisition (that is, it is not necessarily limited to
reference switching).
For more information, see the AN-1420 Application Note, Phase
Buildout and Hitless Switchover with Digital Phase-Locked Loops
(DPLLs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com