Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9543 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9543
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 Synchronizer and Jitter Cleaner
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9543 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9543 Datasheet HTML 19Page - Analog Devices AD9543 Datasheet HTML 20Page - Analog Devices AD9543 Datasheet HTML 21Page - Analog Devices AD9543 Datasheet HTML 22Page - Analog Devices AD9543 Datasheet HTML 23Page - Analog Devices AD9543 Datasheet HTML 24Page - Analog Devices AD9543 Datasheet HTML 25Page - Analog Devices AD9543 Datasheet HTML 26Page - Analog Devices AD9543 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
Data Sheet
AD9543
Rev. 0 | Page 23 of 66
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
11
OUT0AP
Output
HCSL, LVDS,
CML, CMOS
PLL0 Output 0A.
12
OUT0AN
Output
HCSL, LVDS,
CML, CMOS
PLL0 Complementary Output 0A.
14
OUT0BP
Output
HCSL, LVDS,
CML, CMOS
PLL0 Output 0B.
15
OUT0BN
Output
HCSL, LVDS,
CML, CMOS
PLL0 Complementary Output 0B.
16, 21, 44
DNC
DNC
No Connect
Do Not Connect. Leave these pins floating.
17
OUT0CP
Output
HCSL, LVDS,
CML, CMOS
PLL0 Output 0C.
18
OUT0CN
Output
HCSL, LVDS,
CML, CMOS
PLL0 Complementary Output 0C.
22
OUT1BP
Output
HCSL, LVDS,
CML, CMOS
PLL1 Output 1B.
23
OUT1BN
Output
HCSL, LVDS,
CML, CMOS
PLL1 Complementary Output 1B.
25
OUT1AP
Output
HCSL, LVDS,
CML, CMOS
PLL1 Output 1A.
26
OUT1AN
Input/
Output
HCSL, LVDS,
CML, CMOS
PLL1 Complementary Output 1A.
29
LF1
Input/
output
Loop filter
for APLL1
Loop Filter Node for APLL1. Connect a 3.9 nF capacitor from this pin to
Pin 30 (LDO1).
30
LDO1
Input
LDO bypass
APLL1 Loop Filter Voltage Regulator. Connect a 0.1 μF capacitor from
this pin to ground. This pin is the ac ground reference for the
integrated APLL1 loop filter.
32, 33, 35, 36, 37
M0, M1, M2, M3, M4
Input/
output
CMOS
Configurable Input/Output Pins. These are status and control pins.
Changes to the VDDIOB supply voltage affect the VIH and VOH values for
these pins. M3 and M4 have internal 100 kΩ pull-down resistors. M0,
M1, and M2 do not have internal resistors.
34
VDDIOB
Input
Power
Mx Pin Power Supply. This power supply powers the digital section
that controls the M0 to M4 pins. Valid supply voltages are 1.8 V, 2.5 V,
or 3.3 V. The VDDIOB pin can be connected to the VDD supply bus if
1.8 V operation is desired.
38
REFB
Input
1.8 V single-
ended or
differential
input
Reference B Input. This internally biased input is typically ac-coupled;
when configured in this manner, it can accept any differential signal
with a single-ended swing up to the VDD power supply. If dc-coupled,
the input can be LVDS or single-ended 1.8 V CMOS.
39
REFBB
Input
1.8 V single-
ended or
differential
input
Reference BB Input or Complementary Reference B Input. If REFB is in
differential mode, the REFB complementary signal is on this pin. No
connection is necessary to this pin if REFB is a single-ended input and
REFBB is not used.
42
XOA
Input
Differential
input
System Clock Input. XOA contains internal dc biasing and is ac-coupled
with a 0.01 µF capacitor except when using a crystal. When a crystal is
used, connect the crystal across XOA and XOB. A single-ended CMOS
input is also an option, but it can produce spurious spectral content
when the duty cycle is not 50%. When using XOA as a single-ended
input, connect a 0.1 μF capacitor from XOB to ground.
43
XOB
Input
Differential
input
Complementary System Clock Input. Complementary signal to XOA.
XOB contains internal dc biasing and is ac-coupled with a 0.1 µF
capacitor except when using a crystal. When a crystal is used, connect
the crystal across XOA and XOB.
46
REFAA
Input
1.8 V single-
ended or
differential
input
Reference AA input or Complementary REFA Input. If REFA is in
differential mode, the REFA complementary signal is on this pin. No
connection is necessary to this pin if REFA is a single-ended input and
REFAA is not used. If dc-coupled, the input is single-ended 1.8 V CMOS.
47
REFA
Input
1.8 V single-
ended or
differential
Reference A Input. This internally biased input is typically ac-coupled;
when configured in this manner, it can accept any differential signal
with a single-ended swing up to the VDD power supply. If dc-coupled,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com