Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9544 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9544
Description  Quad Input, 10-Output, Dual DPLL, 1 pps Synchronizer and Jitter Cleaner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9544 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9544 Datasheet HTML 28Page - Analog Devices AD9544 Datasheet HTML 29Page - Analog Devices AD9544 Datasheet HTML 30Page - Analog Devices AD9544 Datasheet HTML 31Page - Analog Devices AD9544 Datasheet HTML 32Page - Analog Devices AD9544 Datasheet HTML 33Page - Analog Devices AD9544 Datasheet HTML 34Page - Analog Devices AD9544 Datasheet HTML 35Page - Analog Devices AD9544 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
AD9544
Data Sheet
Rev. 0 | Page 32 of 62
DIGITAL PLL (DPLL)
OVERVIEW
Note that throughout this section, unless otherwise specified,
any referenced bits, registers, or bit fields reside in the DPLL
Channel 0 and DPLL Channel 1 sections (Address 0x1000 to
Address 0x102A, and Address 0x1400 to Address 0x142A) of
the register map.
The DPLL is an all-digital implementation of a phase-locked
loop (PLL). Figure 40 shows the fundamental building blocks of
an APLL and a DPLL. An APLL typically relies on a VCO as the
frequency element for generating an output signal, where the
output frequency depends on an applied dc voltage. A DPLL, on
the other hand, uses a numerically controlled oscillator (NCO),
which relies on a digital frequency tuning word (FTW) to
produce the output frequency. A VCO inherently produces a
timing signal because it is, by definition, an oscillator, whereas
the AD9544 NCO requires an external timing source, the system
clock. The fundamental difference between an APLL and a
DPLL is that the VCO in an APLL can tune to any frequency
within its operating bandwidth, whereas the NCO in a DPLL
can only tune to discrete frequencies (by virtue of the FTW).
PHASE
DETECTOR
DIVIDER
LOOP
FILTER
VCO
ANALOG
PHASE
ERROR
VOLTAGE
FIXED LOOP
BANDWIDTH
APLL
DIGITAL
PHASE
DETECTOR
DIVIDER
DIGITAL
LOOP
FILTER
NUMERIC
PHASE
ERROR
SYSTEM
CLOCK
PROGRAMMABLE
LOOP BANDWIDTH
DPLL
NCO
NUMERIC
COEFFICIENTS
NUMERIC
FREQUENCY
TUNING WORD
Figure 40. APLL vs. DPLL
The DPLLs in the AD9544 have a digital TDC-based phase
detector and a digital loop filter with programmable bandwidth.
The digital loop filter output yields a digital FTW (instead of a
dc voltage, as in the case of an analog PLL) that produces a
corresponding NCO output frequency.
DPLL PHASE/FREQUENCY LOCK DETECTORS
See the Lock Detectors section for details concerning the phase
and frequency detectors of the DPLL.
DPLL LOOP CONTROLLER
The DPLL has several operating modes (including freerun,
holdover, and active). To ensure seamless transition between
modes, the DPLL has a loop controller. The loop controller sets
the appropriate DPLL operating mode based on the prevailing
requirements of automatic reference switching or manual
control settings.
Switchover
Switchover occurs when the loop controller switches directly
from one input reference to another. The AD9544 handles a
reference switchover by briefly entering holdover mode, loading
the new DPLL parameters, and then immediately recovering.
Holdover
Typically, the holdover state is in effect when all of the input
references are invalid. However, the user can force the holdover
mode even when one or more references are valid by setting the
DPLLx force holdover bit (where x = 0 or 1) in the Operational
Control Channel 0 and Operational Control Channel 1 sections
of the register map to Logic 1. In holdover mode, the output
frequency remains fixed (to the extent of the stability of the
system clock). The accuracy of the AD9544 in holdover mode is
dependent on the device programming and availability of the
tuning word history.
Recovery from Holdover
When in holdover and an enabled translation profile becomes
available, the device exits holdover operation. The loop controller
restores the DPLL to closed-loop operation, locks to the selected
reference, and sequences the recovery of all the loop parameters
based on the profile settings for the active reference.
If the DPLLx force holdover bit (where x = 0 or 1) in the
Operational Control Channel 0 and Operational Control
Channel 1 sections of the register map is set to Logic 1, the
device does not automatically exit holdover when a valid
translation profile is available. However, automatic recovery can
occur after clearing the DPLL force holdover bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com