Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9544 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9544
Description  Quad Input, 10-Output, Dual DPLL, 1 pps Synchronizer and Jitter Cleaner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9544 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9544 Datasheet HTML 15Page - Analog Devices AD9544 Datasheet HTML 16Page - Analog Devices AD9544 Datasheet HTML 17Page - Analog Devices AD9544 Datasheet HTML 18Page - Analog Devices AD9544 Datasheet HTML 19Page - Analog Devices AD9544 Datasheet HTML 20Page - Analog Devices AD9544 Datasheet HTML 21Page - Analog Devices AD9544 Datasheet HTML 22Page - Analog Devices AD9544 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
Data Sheet
AD9544
Rev. 0 | Page 19 of 62
ABSOLUTE MAXIMUM RATINGS
Table 23.
Parameter
Rating
1.8 V Supply Voltage (VDD)
2 V
Input/Output Supply Voltage
(VDDIOA, VDDIOB)
3.6 V
Input Voltage Range (XOA, XOB,
REFA, REFAA, REFB, REFBB)
−0.5 V to VDD + 0.5 V
Digital Input Voltage Range
SDO/M5, SCLK/SCL, SDIO/SDA,
CSB/M6
−0.5 V to VDDIOA + 0.5 V
M0, M1, M2, M3, M4
−0.5 V to VDDIOB + 0.5 V
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range1
−40°C to +85°C
Lead Temperature (Soldering 10 sec)
300°C
1 See the Thermal Resistance section for additional information.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the junction to ambient thermal resistance, 0.0 m/sec
airflow per JEDEC JESD51-2 (still air).
θJMA is the junction to ambient thermal resistance, 1.0 m/sec
airflow or 2.5 m/sec airflow per JEDEC JESD51-6 (moving air).
θJC is the junction to case thermal resistance (die to heat sink)
per MIL-STD 883, Method 1012.1.
Values of θJA are for package comparison and PCB design
considerations. θJA provides for a first-order approximation
of TJ per the following equation:
TJ = TA + (θJA × PD)
where TA is the ambient temperature (°C).
Values of θJC are for package comparison and PCB design
considerations when an external heat sink is required.
Table 24. Thermal Resistance
Package Type
θJA
θJMA1
θJC
Unit
CP-48-132, 3
23.9
19.4, 18.2
1.5
°C/W
1 θJMA is 19.4°C/W at 1.0 m/sec airflow and 18.2°C/W at 2.5 m/sec airflow.
2 Thermal characteristics derived using a JEDEC51-7 plus JEDEC51-5 2S2P test
board. The exposed pad on the bottom of the package must be soldered to
ground to achieve the specified thermal performance.
3 Results are from simulations. The PCB is a JEDEC multilayer type. Thermal
performance for actual applications requires careful inspection of the
conditions in the application to determine if they are similar to those
assumed in these calculations.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com