Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9544 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9544
Description  Quad Input, 10-Output, Dual DPLL, 1 pps Synchronizer and Jitter Cleaner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9544 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9544 Datasheet HTML 25Page - Analog Devices AD9544 Datasheet HTML 26Page - Analog Devices AD9544 Datasheet HTML 27Page - Analog Devices AD9544 Datasheet HTML 28Page - Analog Devices AD9544 Datasheet HTML 29Page - Analog Devices AD9544 Datasheet HTML 30Page - Analog Devices AD9544 Datasheet HTML 31Page - Analog Devices AD9544 Datasheet HTML 32Page - Analog Devices AD9544 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
Data Sheet
AD9544
Rev. 0 | Page 29 of 62
CLOCK OUTPUTS
AD9544
I
I
PLLx
+1.8V
QXY
QXYY
I-SOURCE MODE
OUTxyP
OUTxyN
50Ω
100Ω
50Ω
0.1µF
0.1µF
LVDS OR
LVPECL
RECEIVER
LVDS: USE 7.5mA DRIVER SETTING.
LVPECL: USE 15mA DRIVER SETTING.
Figure 31. LVDS-Compatible Output Swing, AC-Coupled (V p-p ≈ 375 mV per Section for I = 15 mA
AD9544
I
I
PLLx
+1.8V
QXY
QXYY
I-SOURCE MODE
OUTxyP
OUTxyN
50Ω
50Ω
TO HCSL
RECEIVER
Figure 32. HCSL Output, V p-p ≈ 750 mV per Section (I = 15 mA)
AD9544
I
I
PLLx
QXY
QXYY
I-SINK MODE
OUTxyP
OUTxyN
50Ω
50Ω
1.2V, 1.5V
OR 1.8V
Figure 33. CML Output (I = 7.5 mA; I = 15 mA Options for 1.5 V or 1.8 V Supply)
AD9544
I
I
PLLx
QXY
QXYY
I-SINK MODE
OUTxyP
OUTxyN
50Ω
50Ω
50Ω
1.8V
10nF
RL
Figure 34. LVDS-Compatible Output, 1.24 V Common-Mode, T Network
(I = 7.5 mA; I = 15 mA with Extra 100 Ω Termination, RL)
AD9544
I
I
PLLx
QXY
QXYY
I-SINK MODE
OUTxyP
OUTxyN
1.8V
RL
63.4Ω 237Ω
63.4Ω 237Ω
Figure 35. LVDS-Compatible Output, 1.2 V Common-Mode, Thevenin Bias
Network (I = 7.5 mA; 15 mA With Extra 100 Ω Termination, RL)
AD9544
I
I
PLLx
QXY
QXYY
I-SINK MODE
OUTxyP
OUTxyN
1.8V
56.2Ω 453Ω
56.2Ω 453Ω
Figure 36. 2.5 V LVPECL or Double Amplitude LVDS-Compatible Boost
Output, 1.5 V p-p, 1.24 V Common-Mode (I = 15 mA)
AD9544
I
I
PLLx
QXY
QXYY
I-SOURCE MODE
OUTxyP
OUTxyN
+1.8V
IN PHASE
OUTPUTS
RL
RL
Figure 37. Single-Divider, Single-Ended Mode Providing In-Phase Outputs
(Current Source Mode)
AD9544
I
I
PLLx
QXY
QXYY
I-SOURCE MODE
OUTxyP
OUTxyN
+1.8V
INDEPENDENT
OUTPUTS
RL
RL
Figure 38. Dual-Divider, Single-Ended Mode Providing Independent Outputs
(Current Source Mode); Note that Single-Ended CML Mode Is Also Available
(See Figure 33)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com