Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9544BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9544BCPZ
Description  Quad Input, 10-Output, Dual DPLL, 1 pps Synchronizer and Jitter Cleaner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9544BCPZ Datasheet(HTML) 4 Page - Analog Devices

  AD9544BCPZ Datasheet HTML 1Page - Analog Devices AD9544BCPZ Datasheet HTML 2Page - Analog Devices AD9544BCPZ Datasheet HTML 3Page - Analog Devices AD9544BCPZ Datasheet HTML 4Page - Analog Devices AD9544BCPZ Datasheet HTML 5Page - Analog Devices AD9544BCPZ Datasheet HTML 6Page - Analog Devices AD9544BCPZ Datasheet HTML 7Page - Analog Devices AD9544BCPZ Datasheet HTML 8Page - Analog Devices AD9544BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
AD9544
Data Sheet
Rev. 0 | Page 4 of 62
FUNCTIONAL BLOCK DIAGRAM
SYSTEM
CLOCK PLL
STATUS AND
CONTROL PINS
AD9544
TEMPERATURE
SENSOR
SYSTEM CLOCK
COMPENSATION
REFERENCE
SWITCHING
CONTROL
REFERENCE
MONITORS
TDC
REFERENCE
INPUTS
NCO
DPLL
DPLL0
PLL
APLL0
VCO
NCO
DPLL
DPLL1
PLL
APLL1
VCO
PLL0
PLL1
DISTRIBUTION
OUTPUTS
DISTRIBUTION
OUTPUTS
÷2
÷Q
÷R
OUT0AP,
OUT0AN,
OUT0BP,
OUT0BN,
OUT0CP,
OUT0CN
OUT1AP,
OUT1AN,
OUT1BP,
OUT1BN
XOA,
XOB
INTERNAL ZERO DELAY
INTERNAL ZERO DELAY
EEPROM
(OPTIONAL)
SYSTEM
CLOCK
DIGITAL
CROSS
POINT
MUX
SERIAL PORT (SPI/I2C)
AND EEPROM
CONTROLLER
M0 TO M6
REFA,
REFAA,
REFB,
REFBB
÷2
÷Q
APLL VCO FREQUENCY RANGE
APLL0: 2424MHz TO 3232MHz
APLL1: 3232MHz TO 4040MHz
SERIAL PORT
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com