Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9544BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9544BCPZ
Description  Quad Input, 10-Output, Dual DPLL, 1 pps Synchronizer and Jitter Cleaner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9544BCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD9544BCPZ Datasheet HTML 1Page - Analog Devices AD9544BCPZ Datasheet HTML 2Page - Analog Devices AD9544BCPZ Datasheet HTML 3Page - Analog Devices AD9544BCPZ Datasheet HTML 4Page - Analog Devices AD9544BCPZ Datasheet HTML 5Page - Analog Devices AD9544BCPZ Datasheet HTML 6Page - Analog Devices AD9544BCPZ Datasheet HTML 7Page - Analog Devices AD9544BCPZ Datasheet HTML 8Page - Analog Devices AD9544BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
Quad Input, 10-Output, Dual DPLL,
1 pps Synchronizer and Jitter Cleaner
Data Sheet
AD9544
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Dual DPLL synchronizes 1 Hz to 750 MHz physical layer
clocks providing frequency translation with jitter cleaning
of noisy references
Complies with ITU-T G.8262 and Telcordia GR-253
Supports Telcordia GR-1244, ITU-T G.812, G.813, G.823,
G.824, and G.825
Continuous frequency monitoring and reference validation
for frequency deviation as low as 50 ppb
Both DPLLs feature a 24-bit fractional divider with 24-bit
programmable modulus
Programmable digital loop filter bandwidth: 10−4 Hz to 1850 Hz
Automatic and manual holdover and reference switchover,
providing zero delay, hitless, or phase buildout operation
Programmable priority-based reference switching with
manual, automatic revertive, and automatic nonrevertive
modes supported
5 pairs of clock output pins with each pair useable as
differential LVDS/HCSL/CML or as 2 single-ended outputs
(1 Hz to 500 MHz)
2 differential or 4 single-ended input references
Crosspoint mux interconnects reference inputs to PLLs
Supports embedded (modulated) input/output clock signals
Fast DPLL locking modes
Provides internal capability to combine the low phase noise
of a crystal resonator or crystal oscillator with the
frequency stability and accuracy of a TCXO or OCXO
External EEPROM support for autonomous initialization
Single 1.8 V power supply operation with internal regulation
Built in temperature monitor/alarm and temperature
compensation for enhanced zero delay performance
APPLICATIONS
SyncE and GPS synchronization and jitter cleanup
Optical transport networks (OTN), SDH, and macro and small
cell base stations
OTN mapping/demapping with jitter cleaning
Small base station clocking, including baseband and radio
Stratum 2, Stratum 3e, and Stratum 3 holdover, jitter
cleanup, and phase transient control
JESD204B support for analog-to-digital converter (ADC) and
digital-to-analog converter (DAC) clocking
Cable infrastructures
Carrier Ethernet
GENERAL DESCRIPTION
The 10 clock outputs of the AD9544 are synchronized to any
one of up to four input references. The digital phase-locked
loops (DPLLs) reduce timing jitter associated with the external
references. The digitally controlled loop and holdover circuitry
continuously generate a low jitter output signal, even when all
reference inputs fail.
The AD9544 is available in a 48-lead LFCSP (7 mm × 7 mm)
package and operates over the −40°C to +85°C temperature
range.
Note that throughout this data sheet, multifunction pins, such
as SDO/M5, are referred to either by the entire pin name or by a
single function of the pin, for example, M5, when only that
function is relevant.


Similar Part No. - AD9544BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9540 AD-AD9540 Datasheet
485Kb / 32P
655 MHz Low Jitter Clock Generator
7/04-Revision 0
AD9540 AD-AD9540 Datasheet
588Kb / 32P
655 MHz Low Jitter Clock Generator
4/2018-Rev. B to Rev. C
AD9540BCPZ AD-AD9540BCPZ Datasheet
485Kb / 32P
655 MHz Low Jitter Clock Generator
7/04-Revision 0
AD9540BCPZ AD-AD9540BCPZ Datasheet
588Kb / 32P
655 MHz Low Jitter Clock Generator
4/2018-Rev. B to Rev. C
AD9540BCPZ-REEL AD-AD9540BCPZ-REEL Datasheet
485Kb / 32P
655 MHz Low Jitter Clock Generator
7/04-Revision 0
More results

Similar Description - AD9544BCPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM7005 TI-CDCM7005 Datasheet
1Mb / 40P
3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Maxim Integrated Produc...
DS31400 MAXIM-DS31400 Datasheet
100Kb / 5P
8-Input, 14-Output, Dual DPLL Timing IC with Sub-ps Output Jitter
Rev 0; 4/10
logo
Texas Instruments
CDCM7005 TI-CDCM7005_13 Datasheet
1Mb / 45P
3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005 TI1-CDCM7005_15 Datasheet
3Mb / 52P
3.3-V High Performance Clock Synchronizer and Jitter Cleaner
logo
Analog Devices
AD9542 AD-AD9542 Datasheet
1Mb / 61P
Quad Input, Five-Output, Dual DPLL Synchronizer and Adaptive Clock Translator
9/2017-Revision 0
AD9543 AD-AD9543 Datasheet
1Mb / 66P
Quad Input, 10-Output, Dual DPLL/IEEE 1588 Synchronizer and Jitter Cleaner
10/2017-Revision 0
AD9545 AD-AD9545 Datasheet
2Mb / 157P
Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
4/2018-Rev. 0 to Rev. A
AD9546 AD-AD9546 Datasheet
2Mb / 205P
Dual DPLL Digitized Clock Synchronizer
10/2020-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com