Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9544BCPZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD9544BCPZ
Description  Quad Input, 10-Output, Dual DPLL, 1 pps Synchronizer and Jitter Cleaner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9544BCPZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9544BCPZ Datasheet HTML 42Page - Analog Devices AD9544BCPZ Datasheet HTML 43Page - Analog Devices AD9544BCPZ Datasheet HTML 44Page - Analog Devices AD9544BCPZ Datasheet HTML 45Page - Analog Devices AD9544BCPZ Datasheet HTML 46Page - Analog Devices AD9544BCPZ Datasheet HTML 47Page - Analog Devices AD9544BCPZ Datasheet HTML 48Page - Analog Devices AD9544BCPZ Datasheet HTML 49Page - Analog Devices AD9544BCPZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
AD9544
Data Sheet
Rev. 0 | Page 46 of 62
WATCHDOG TIMER
The watchdog timer is a general-purpose programmable timer
capable of triggering a specific IRQ event (see Figure 48). The
timer relies on the system clock, however; therefore, the system
clock must be present and locked for the watchdog timer to be
functional. The bit fields associated with the watchdog timer
reside in the Mx pin status and control function section of the
register map.
The user sets the period of the watchdog timer by programming
the watchdog timer (ms) bit field with a 16-bit timeout value. A
nonzero value sets the timeout period in units of milliseconds,
providing a range of 1 ms to 65.535 sec, whereas a zero value
(0x0000, the default value) disables the timer. The relative accuracy
of the timer is approximately 0.1% with an uncertainty of
0.5 ms. Note that whenever the user writes a 16-bit timeout
value to the watchdog timer, it automatically clears the timer,
ensuring a correct timeout period (per the new value) starting
from the moment of the bit field update.
The watchdog timer (ms) bit field relates to the timeout period
as follows:
Watchdog Timer (ms) = Timeout Period × 103
To determine the value of the watchdog timer (ms) bit field
necessary for a timeout period of 10 sec,
Watchdog Timer (ms) = Timeout Period × 103
= 10 × 103
= 10,000
= 0x2710 (hexadecimal)
If enabled, the timer runs continuously and generates a timeout
IRQ event when the timeout period expires. The user has access
to the watchdog timer status via its associated IRQ monitor bit
or by assigning it directly to an Mx status pin. In the case of an
Mx status pin, the timeout event of the watchdog timer is a
pulse spanning 96 system clock periods (approximately 40 ns).
There are two ways to reset the watchdog timer, thereby preventing
it from indicating a timeout event. The first method is by
writing a Logic 1 to the clear watchdog bit (an autoclearing bit)
in the operational controls section of the register map.
Alternatively, the user can program any of the multifunction
pins as a control pin to reset the watchdog timer, which allows
the user to reset the timer by means of a hardware pin rather
than using the serial port.
There are two typical cases for employing the watchdog timer.
Both cases assume that the watchdog timer output appears at
the output of an appropriately configured Mx status pin (the
watchdog timer output for the following case descriptions). The
first case is for an external device (for example, an FPGA or
microcontroller) to monitor the watchdog timer output using it
as a signal to carry out periodic housekeeping functions. The
second case is to have the watchdog timer output connected to
the external device, such that the assertion of the watchdog
output resets the external device. In this way, under normal
operation, the external device repeatedly resets the watchdog
timer by either writing Logic 1 to the clear watchdog bit or by
asserting an Mx control pin configured for clearing the watchdog.
In this way, as long as the external device keeps resetting the
watchdog timer before it times out, the watchdog timer does
not generate an output signal. As such, the watchdog timer does
not reset the external device. However, if the external device
fails to reset the watchdog timer before its timeout period
expires, the watchdog timer eventually times out, resetting the
external device via the appropriately configured Mx status pin.
TIMER
CLK
OUT
1kHz
PRESET
16
REGISTER 0x2005,
BIT D7
CLEAR
Mx PIN FUNCTION LOGIC
Mx PINS
40ns
TO IRQ EVENT
SOURCE LOGIC
REGISTER 0x010A TO REGISTER 0x010B
CLEAR
WATCHDOG
VIA Mx PIN
WATCHDOG
OUTPUT VIA
Mx PIN
CLEAR
WATCHDOG
WATCHDOG
TIMER (MS)
TEXT
= BIT(S) IN THE REGISTER MAP
Figure 48. Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com