Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9545BCPZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD9545BCPZ
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545BCPZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9545BCPZ Datasheet HTML 45Page - Analog Devices AD9545BCPZ Datasheet HTML 46Page - Analog Devices AD9545BCPZ Datasheet HTML 47Page - Analog Devices AD9545BCPZ Datasheet HTML 48Page - Analog Devices AD9545BCPZ Datasheet HTML 49Page - Analog Devices AD9545BCPZ Datasheet HTML 50Page - Analog Devices AD9545BCPZ Datasheet HTML 51Page - Analog Devices AD9545BCPZ Datasheet HTML 52Page - Analog Devices AD9545BCPZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 49 of 157
Automatic polarity detection slightly reduces the sensitivity of
the demodulator. Therefore, it is possible for the demodulator
to detect low magnitude modulation events reliably with
automatic polarity detection disabled, but exhibit demodulation
errors with auto polarity detection enabled.
DEMODULATOR SENSITIVITY
Modulated input signals exhibiting a small change in pulse
width require more sensitivity than those that exhibit a large
change. To control the demodulator sensitivity to pulse width
changes, use the 2-bit unsigned REFx demodulator sensitivity
bit field (where x is A, AA, B, or BB) in Bits[D1:D0] of Register
0x0302 to Register 0x0303 and Register 0x0306 to Register
0x0307.
The demodulator defaults to its most sensitive setting, REFx
demodulator sensitivity = 0. Increasing the value to 1 decreases
the sensitivity with 3 constituting the least sensitive setting.
Decreased sensitivity implies the need for more robust modulation
events (that is, larger changes in pulse width) for reliable
demodulation.
DEMODULATOR PERSISTENCE
In some applications, the modulation events may not be
continuous. The modulation events may occur in a burst, for
example, as a sequence of 50 modulation events followed by no
modulation. In this case, the demod out signal (see Figure 45)
appears as a burst of 50 pulses.
The demodulator has a persistence feature; it is capable of
identifying the modulation period and then generating the
requisite pulses at the demod out output even after the input
modulation events cease.
To enable the persistence feature, use the enable REFx
demodulator persist bit (where x is A, AA, B, or BB) in Bit D6
of Register 0x0302 to Register 0x0303 and Register 0x0306 to
Register 0x0307. Logic 0 (default) disables persistence, whereas
Logic 1 enables it.
The persistence feature requires at least five consecutive
modulation events to produce a persistent demod out signal. As
such, the recommendation is to avoid using the persistence
feature when the modulation period is greater than 100 ms (that
is, modulation frequencies below 10 Hz).
DEMODULATOR BANDWIDTH
The demodulator is capable of handling input reference carrier
frequencies from 1 MHz to 180 MHz. The demodulator splits
this into two operating ranges: 1 MHz to 30 MHz carrier
frequencies and 30 MHz to 180 MHz carrier frequencies.
Use the REFA/REFAA demodulator band select bit or the
REFB/REFBB demodulator band select bit in Bit D0 of
Register 0x0301 and Register 0x0305. Logic 0 (default) selects
the lower frequency range, whereas Logic 1 selects the upper
frequency range. Note that the bandwidth setting applies to
demodulator pairs. That is, one bit affects the demodulator for
REFA and REFAA, and the other bit affects the demodulator for
REFB and REFBB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com