Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9545BCPZ Datasheet(PDF) 96 Page - Analog Devices

Part # AD9545BCPZ
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545BCPZ Datasheet(HTML) 96 Page - Analog Devices

Back Button AD9545BCPZ Datasheet HTML 92Page - Analog Devices AD9545BCPZ Datasheet HTML 93Page - Analog Devices AD9545BCPZ Datasheet HTML 94Page - Analog Devices AD9545BCPZ Datasheet HTML 95Page - Analog Devices AD9545BCPZ Datasheet HTML 96Page - Analog Devices AD9545BCPZ Datasheet HTML 97Page - Analog Devices AD9545BCPZ Datasheet HTML 98Page - Analog Devices AD9545BCPZ Datasheet HTML 99Page - Analog Devices AD9545BCPZ Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 96 of 157
Register 0x16A3. There are five tagged operating modes, as
follows:
•
No tagging (default)
•
Reference tagging only
•
Feedback tagging only
•
Combined reference and feedback tagging with equal
carrier rates
•
Combined reference and feedback tagging with unequal
carrier rates
With respect to tagged time stamps, the carrier rate is the rate at
which the TDC generates time stamps (that is, the underlying
rate of the input clock to the TDC). The tagged rate is the rate at
which the TDC generates tagged time stamps. The tagged rate is
always an integer submultiple of the carrier rate.
The no tagging mode is the normal operating mode of the
DPLL. That is, the digital PFD processes every reference and
feedback time stamp whether or not the time stamp is a tagged
time stamp.
The reference tagging only mode tells the digital PFD to use
tagged reference time stamps for phase alignment purposes.
The user must ensure the reference is set up to provide tagged
time stamps. When the reference is one of the REFx inputs, the
reference demodulator is the source of tagged time stamps (see
the Reference Demodulator section). When the reference is an
auxiliary NCO, the auxiliary NCO is the source of tagged time
stamps (see the Auxiliary NCOs section).
The feedback tagging only mode tells the digital PFD to use
tagged feedback time stamps for phase alignment purposes. The
user must ensure the feedback path is set up to provide tagged
time stamps via output clock modulation (see the Distribution
Embedded Output Clock Modulation section).
The combined reference and feedback tagging modes tell the
digital PFD to use tagged time stamps from both the reference
and feedback TDCs. The user must ensure that the reference
and feedback paths are set up to provide tagged time stamps.
Furthermore, the user must ensure that the tag rate of the
reference path matches the tag rate of the feedback path.
There are two variants of the combined reference and feedback
tagging modes: equal and unequal carrier rates. The combined
reference and feedback tagging modes require equal tag rates on
both paths. There is no such requirement on the carrier rates
for both paths. However, to function properly, the DPLL
requires advance knowledge of the relationship between the
reference and feedback carrier rates. Thus, the reason for the
two variants. The user must select the appropriate variant based
on whether the reference and feedback TDC carrier rates differ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com