Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9545BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9545BCPZ
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9545BCPZ Datasheet HTML 10Page - Analog Devices AD9545BCPZ Datasheet HTML 11Page - Analog Devices AD9545BCPZ Datasheet HTML 12Page - Analog Devices AD9545BCPZ Datasheet HTML 13Page - Analog Devices AD9545BCPZ Datasheet HTML 14Page - Analog Devices AD9545BCPZ Datasheet HTML 15Page - Analog Devices AD9545BCPZ Datasheet HTML 16Page - Analog Devices AD9545BCPZ Datasheet HTML 17Page - Analog Devices AD9545BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 14 of 157
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SINGLE-ENDED MODE
Output Frequency
1
500 × 106
Hz
Frequency range determined by driver
functionality; actual frequency synthesis may be
limited by the APLL VCO frequency range
Output Current = 12 mA
Voltage Swing (Peak-to-Peak)
HCSL Driver Mode
509
584
634
mV
Each output terminated per Figure 37 with RL = 50 Ω
CML Driver Mode
456
565
644
mV
Each output terminated per Figure 37 with RL = 50 Ω
connected to VDD (nominal 1.8 V) instead of GND
Voltage Swing Midpoint
HCSL Driver Mode
255
292
317
mV
Each output terminated per Figure 37 with RL = 50 Ω
CML Driver Mode
VDD − 325
VDD − 291
VDD − 266
mV
Each output terminated per Figure 37 with RL = 50 Ω
connected to VDD (nominal 1.8 V) instead of GND
Output Current = 15 mA
Voltage Swing (Peak-to-Peak)
HCSL Driver Mode
645
734
796
mV
Each output terminated per Figure 37 with RL = 50 Ω
CML Driver Mode
589
721
815
mV
Each output terminated per Figure 37 with RL = 50 Ω
connected to VDD (nominal 1.8 V) instead of GND
Voltage Swing Midpoint
HCSL Driver Mode
322
367
398
mV
Each output terminated per Figure 37 with RL = 50 Ω
CML Driver Mode
VDD − 411
VDD − 367
VDD − 334
mV
Each output terminated per Figure 37 with RL = 50 Ω
connected to VDD (nominal 1.8 V) instead of GND
TIME DURATION OF DIGITAL FUNCTIONS
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TIME DURATION OF DIGITAL
FUNCTIONS
EEPROM to Register Download
Time
10
ms
Using the Typical Configuration specification from Table 3
Power-On Reset (POR)
25
ms
Time from power supplies > 80% to release of internal reset
Mx Pin to RESETB Rising Edge
Setup Time
1
ns
Mx refers to Pin M0 through Pin M6
Mx Pin to RESETB Rising Edge
Hold Time
2
ns
Multiple Mx Pin Timing Skew
39
ns
Applies only to multibit Mx pin functions
RESETB Falling Edge to Mx Pin
High-Z Time
14
ns
TIME FROM START OF DPLL
ACTIVATION TO ACTIVE PHASE
DETECTOR OUTPUT
Untagged Operation
10
tPFD
tPFD is the nominal phase detector period given by R/fREF, where R is the
frequency division factor determined by the R divider, and fREF is the
frequency of the active reference
Tagged Operation
10
Tag
period
Tag period = (tag ratio/fTAG), where fTAG is either fREF (for tagged reference
mode) or fFEEDBACK (for all other tagged modes); the tag ratio corresponds to
the selection of fTAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com