Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3800BL-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UC3800BL-S08-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3800BL-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UC3800BL-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UC3800/B
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
2 of 10
www.unisonic.com.tw
QW-R103-083.d
M ARK I N G
UC3800
UC3800B
PI N CON FI GU RAT I ON
PI N DESCRI PT I ON
PIN NO.
PIN NAME
PIN TYPE
DESCRIPTION
1
GATE
O
Totem-pole gate driver output for power MOSFET.
2
VDD
P
Supply voltage
3
CS
I
Current sense input.
4
LNO
I
This pin is connected to the line input via two resistors to achieve line
voltage over protect function and Brownout
5
FB
I
The PWM duty cycle is determined by voltage level into this pin and the
current-sense signal at CS pin.
6
GND
P
Ground.
7
NC
8
HV
I
Connected to the line input or bulk capacitor via resistor for setup.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com