Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3800BL-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UC3800BL-S08-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3800BL-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UC3800BL-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
UC3800/B
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
5 of 10
www.unisonic.com.tw
QW-R103-083.d
ELECT RI CAL CH ARACT ERI ST I CS (N ot e .)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMITING SECTION
Peak Current Flat Threshold Voltage
VCS-F
VFB=4V, Duty
≥60%
0.97
V
Peak Current Valley Threshold Voltage
VCS-V
VFB=4V, Duty=0%
0.57
0.62
0.67
V
Lead Edge Blanking Time
TLEB
350
ns
DRIVER OUTPUT SECTION
Output Voltage Low State
VOL
VDD=16V,IO=-20mA
1
V
Output Voltage High State
VOH
VDD=16V,IO= 20mA
11
V
Output clamp Voltage
V_Clamping
16
V
Output Voltage Rise Time
tR
CL=1.0nF
150
ns
Output Voltage Fall Time
tF
CL=1.0nF
60
ns
LNO SECTION
Threshold voltage for LNO
VTH_LNO
0.93
1.03
1.10
V
Threshold voltage for BNO
VTH_BNO
0.22
0.26
0.30
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com