Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3800BL-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3800BL-S08-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3800BL-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3800BL-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3800BL-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
UC3800/B
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 10
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R103-083.d
LOW COST POWER-SAV I N G
M ODE PWM CON T ROLLER
FOR FLY BACK CON V ERT ERS
DESCRI PT I ON
The UTC UC3800/B is a high performance current mode PWM
controller ideally suited for low standby power. High voltage startup
is implemented in UTC UC3800/B, which features with short
startup time and no standby current. At no load condition, the IC
operates
in
power-saving
mode
for
lower
standby
power,
decreasing frequency for higher conversion efficiency at light load
condition.
The internal slope compensation improves system stability at
high PWM duty cycle output. Leading-edge blanking on current
sense input removes the signal glitch, which offering minimal
external
component
count
in
the
design.
Excellent
EMI
performance is achieved with UTC proprietary frequency hopping
technique (ZL201020615247.1) together with soft driver control.
Audio noise is eliminated due to switch frequency more than 20kHz
during operation.
The UTC UC3800/B has such applications as: battery charger,
power adaptor, set-top box power supplies, ink jet printers,
open-frame SMPS.
FEAT U RES
SOP-8
* UTC proprietary frequency hopping technology for Improved EMI
performance.
* Power-saving mode for high light-load and standby efficiency
* Soft Start
* Dynamic peak current limiting for constant output power
* Built-in synchronized slope compensation
* OTP,OLP,OVP, LNO-OVP, Brownout and VDD clamp for higher
security
* Fixed switch frequency 65kHz
* Gate output voltage clamped at 16V
* Low start-up current
* Cycle-by-cycle Current Limiting
* Under voltage lockout (UVLO)
* Few external components required
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
UC3800L-S08-R
UC3800G-S08-R
SOP-8
Tape Reel
UC3800BL-S08-R
UC3800BG-S08-R
SOP-8
Tape Reel


Similar Part No. - UC3800BL-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3800 UTC-UC3800 Datasheet
225Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3800G-S08-R UTC-UC3800G-S08-R Datasheet
225Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
More results

Similar Description - UC3800BL-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3800 UTC-UC3800 Datasheet
225Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3875C UTC-UC3875C Datasheet
295Kb / 9P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3973 UTC-UC3973 Datasheet
353Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
US4651S UTC-US4651S Datasheet
363Kb / 9P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3856 UTC-UC3856_17 Datasheet
358Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3863 UTC-UC3863_17 Datasheet
262Kb / 9P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3873 UTC-UC3873_16 Datasheet
263Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3863A UTC-UC3863A Datasheet
342Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3873A UTC-UC3873A Datasheet
309Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3875A UTC-UC3875A Datasheet
333Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com