Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906801 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 2906801
Description  Lower part of housing,fully assembled, with integrated functional earth ground contact, (housing closed) and metal foot catch.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906801 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  2906801 Datasheet HTML 1Page - PHOENIX CONTACT 2906801 Datasheet HTML 2Page - PHOENIX CONTACT 2906801 Datasheet HTML 3Page - PHOENIX CONTACT 2906801 Datasheet HTML 4Page - PHOENIX CONTACT 2906801 Datasheet HTML 5Page - PHOENIX CONTACT 2906801 Datasheet HTML 6Page - PHOENIX CONTACT 2906801 Datasheet HTML 7Page - PHOENIX CONTACT 2906801 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
https://www.phoenixcontact.com/us/products/2906801
05.11.2013   Page 6 / 8
Electronic housing - ME 12,5 UTG/FE GN - 2906801
Accessories
Printed circuit board terminal
Printed-circuit board connector - MKDSO 2,5/ 2-R - 1707195
PCB terminal block, Nominal current: 24 A, Nom. voltage: 400 V, Pitch: 5 mm, Number of positions: 2, Connection
method: Screw connection, Mounting: Soldering, Conductor/PCB connection direction: 0 °, Color: green, Article with
lateral pin exit
 
 
Required add-on products
Electronic housing - ME 12,5 OT-MSTBO SET - 2907428
Housing set upper part, complete with COMBICON headers and screw plugs for full equipping.
 
 
Electronic housing - ME 12,5 OT-MSTBO GN - 2906814
Upper part of housing, for COMBICON connection, double-level.
 
 
Electronic housing - ME 12,5 OT-MKDSO SET - 2907457
Housing upper part, complete with PCB terminal blocks for full assembly. 8-pos., housing width: 12.5 mm
 
 
Electronic housing - ME 12,5 OT-MKDSO GN - 2906830
Housing upper part, for printed circuit terminal block connection
 
 



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com