Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906801 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2906801
Description  Lower part of housing,fully assembled, with integrated functional earth ground contact, (housing closed) and metal foot catch.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906801 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2906801 Datasheet HTML 1Page - PHOENIX CONTACT 2906801 Datasheet HTML 2Page - PHOENIX CONTACT 2906801 Datasheet HTML 3Page - PHOENIX CONTACT 2906801 Datasheet HTML 4Page - PHOENIX CONTACT 2906801 Datasheet HTML 5Page - PHOENIX CONTACT 2906801 Datasheet HTML 6Page - PHOENIX CONTACT 2906801 Datasheet HTML 7Page - PHOENIX CONTACT 2906801 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/us/products/2906801
05.11.2013   Page 1 / 8
Electronic housing - ME 12,5 UTG/FE GN - 2906801
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Lower part of housing,fully assembled, with integrated functional earth ground contact, (housing closed) and
metal foot catch.
Product Features
 Tool-free mounting
 Low design width with a high number of positions
 Large assembly area
 Recessed labeling areas
 Same PCB geometry for all design widths
 Inflammability class V0 according to UL 94
 Fast mounting on DIN rails according to EN 60715
 Material and part identification embossed on the housing (recyclability)
 Cost savings thanks to easy device production
 Functional earth ground contact (EMC) integrated in the housing base
 Optional BUS connection integrated in the housing, for either parallel or serial contacting
 Metal foot catch
 Electronic components can be partially removed
 
Key commercial data
Packing unit
1 1
GTIN
Weight per Piece (excluding packing)
40.59 GRM
Custom tariff number
85472000
Country of origin
Germany
Technical data
General


Similar Part No. - 2906801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906800 PHOENIX-2906800 Datasheet
519Kb / 9P
TTC-6-2-24DC-UT - Surge protection device
2906804 PHOENIX-2906804 Datasheet
530Kb / 9P
TTC-6-1X2-24DC-PT - Surge protection device
2906805 PHOENIX-2906805 Datasheet
124Kb / 4P
Surge protection device - TTC-6-2X1-24DC-PT
09/21/2018
2906806 PHOENIX-2906806 Datasheet
528Kb / 9P
TTC-6-2-24DC-PT - Surge protection device
2906807 PHOENIX-2906807 Datasheet
526Kb / 8P
TTC-6-2XTVSD-12DC-PT - Surge protection device
More results

Similar Description - 2906801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2853239 PHOENIX-2853239 Datasheet
137Kb / 8P
Lower part of housing, fully assembled, with integrated functional earth ground contact, and metal foot catch, color: black
2906791 PHOENIX-2906791 Datasheet
106Kb / 8P
Lower part of housing, fully assembled, with integrated functional earth ground contact, and metal foot catch.
2906924 PHOENIX-2906924 Datasheet
113Kb / 9P
Lower part of housing, fully assembled, with integrated functional earth ground contact, and metal foot catch.
2906937 PHOENIX-2906937 Datasheet
113Kb / 9P
Lower part of housing, housing closed, fully assembled, with integrated functional earth ground contact, and metal foot catch
2907101 PHOENIX-2907101 Datasheet
150Kb / 9P
Lower part of housing,fully assembled, with integrated functional earth ground contact, (housing closed) and metal foot catch.
2907211 PHOENIX-2907211 Datasheet
129Kb / 5P
Lower part of housing, fully assembled, with integrated functional earth ground contact, and metal foot catch.
2907224 PHOENIX-2907224 Datasheet
114Kb / 9P
Lower part of housing, housing closed, fully assembled, with integrated functional earth ground contact, and metal foot catch
2909358 PHOENIX-2909358 Datasheet
156Kb / 10P
Lower part of housing, fully assembled, with integrated functional earth ground contact, and metal foot catch.
2909374 PHOENIX-2909374 Datasheet
152Kb / 11P
Lower part of housing closed, fully assembled, with metal foot catch.
2909840 PHOENIX-2909840 Datasheet
151Kb / 10P
Lower part of housing, fully assembled, with integrated functional earth ground contact, and metal foot catch.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com