Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906801 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2906801
Description  Lower part of housing,fully assembled, with integrated functional earth ground contact, (housing closed) and metal foot catch.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906801 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2906801 Datasheet HTML 1Page - PHOENIX CONTACT 2906801 Datasheet HTML 2Page - PHOENIX CONTACT 2906801 Datasheet HTML 3Page - PHOENIX CONTACT 2906801 Datasheet HTML 4Page - PHOENIX CONTACT 2906801 Datasheet HTML 5Page - PHOENIX CONTACT 2906801 Datasheet HTML 6Page - PHOENIX CONTACT 2906801 Datasheet HTML 7Page - PHOENIX CONTACT 2906801 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
https://www.phoenixcontact.com/us/products/2906801
05.11.2013   Page 2 / 8
Electronic housing - ME 12,5 UTG/FE GN - 2906801
Technical data
General
Housing type
Component housing
Housing material
Polyamide
Color
green
Ambient conditions
Ambient temperature (operation)
-40 °C ... 105 °C
Dimensions
Length
99 mm
Constructional height
114.5 mm
Width
12.5 mm
Technical data
Inflammability class according to UL 94
V0
Power dissipation at 20°C in the horizontal mounting position
4.3 W 7.1 W
Number of positions
8
Classifications
eCl@ss
eCl@ss 4.0
27180401
eCl@ss 4.1
27180401
eCl@ss 5.0
27180506
eCl@ss 5.1
27180506
eCl@ss 6.0
27180802
eCl@ss 7.0
27182702
eCl@ss 8.0
27182702
ETIM
ETIM 2.0
EC001031
ETIM 3.0
EC001031
ETIM 4.0
EC001031
ETIM 5.0
EC001031
UNSPSC
UNSPSC 6.01
31261501
UNSPSC 7.0901
31261501
UNSPSC 11
31261501
UNSPSC 12.01
31261501



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com