Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9540 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9540
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9540 Datasheet HTML 13Page - Analog Devices AD9540 Datasheet HTML 14Page - Analog Devices AD9540 Datasheet HTML 15Page - Analog Devices AD9540 Datasheet HTML 16Page - Analog Devices AD9540 Datasheet HTML 17Page - Analog Devices AD9540 Datasheet HTML 18Page - Analog Devices AD9540 Datasheet HTML 19Page - Analog Devices AD9540 Datasheet HTML 20Page - Analog Devices AD9540 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
AD9540
Rev. C | Page 17 of 32
TYPICAL APPLICATION CIRCUITS
DAC
REFIN
CLK2
CP_OUT
DDS
N
M
R
LPF
VCO
CML
DRIVER
PHASE FREQUENCY
DETECTOR/CHARGE PUMP
25MHz
CRYSTAL
400MHz
CLOCK1
CLOCK1
AD9540
LPF
ADCMP563
Figure 32. Dual Clock Configuration
DAC
CHARGE
PUMP
REFIN
CLK2
DDS
N
M
R
LPF
VCO
CML
DRIVER
PHASE FREQUENCY
DETECTOR
EXTERNAL
REFERENCE
622MHz
CLOCK1
CLOCK2
AD9540
ADCMP563
Figure 33. Optical Networking Clock
REFIN
CLK2
CP_OUT
DDS
R
VCO
AD9540
LPF
LPF
DAC
Figure 34. Fractional-Divider Loop
CHARGE
PUMP
REFIN
CLK2
N
VCO
DDS
PHASE
FREQUENCY
DETECTOR
LPF
LPF
DAC
AD9540
Figure 35. Direct Upconversion of DDS Output Spectrum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com