Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9540 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9540
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9540 Datasheet HTML 14Page - Analog Devices AD9540 Datasheet HTML 15Page - Analog Devices AD9540 Datasheet HTML 16Page - Analog Devices AD9540 Datasheet HTML 17Page - Analog Devices AD9540 Datasheet HTML 18Page - Analog Devices AD9540 Datasheet HTML 19Page - Analog Devices AD9540 Datasheet HTML 20Page - Analog Devices AD9540 Datasheet HTML 21Page - Analog Devices AD9540 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD9540
Data Sheet
Rev. C | Page 18 of 32
REFIN
CLK2
CP_OUT
DDS
÷R
VCO
AD9540
LPF
DAC
÷N
CML
DRIVER
2.5GHz
TONE
8-LEVEL FSK
(FC = 100MHz)
BPF
BPF
25MHz
CRYSTAL
Figure 36. ISM Band Modulator (LO & Baseband Generation)
APPLICATION CIRCUIT DESCRIPTIONS
Dual Clock Configuration
In this loop, M = 1, N = 16, and R = 4. The DDS (direct digital
synthesizer) tuning word is also equal to ¼, so that the
frequency of CLOCK1’ equals the frequency of CLOCK 1.
Phase adjustments in the DDS provide 14-bit programmable
rising edge delay capability of CLOCK1’ with respect to
CLOCK1 (see Figure 32).
Optical Networking Clock
This is the AD9540 configured as an optical networking clock.
The loop can be used to generate a 622 MHz clock for OC12.
The DDS can be programmed to output 8 kHz to serve as a base
reference for other circuits in the subsystem (see Figure 33).
Fractional-Divider Loop This loop offers the precise frequency
division (48-bit) of the DDS in the feedback path as well as the
frequency sweeping capability of the DDS. Programming the
DDS to sweep from 24 MHz to 25 MHz sweeps the output of
the VCO from 2.7 GHz to 2.6 GHz. The reference in this case is
a simple crystal (see Figure 34).
Direct Upconversion
The AD9540 is configured to use the DDS as a precision
reference to the PLL. Since the VCO is <655 MHz, it can be fed
straight into the phase frequency detector feedback.
LO and Baseband Modulation Generation
Using the AD9540 PLL section to generate LO and the DDS
portion to generate a modulated baseband, this circuit uses an
external mixer to perform some simple modulation at RF ISM
band frequencies (see Figure 36).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com