Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9540 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9540
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9540 Datasheet HTML 16Page - Analog Devices AD9540 Datasheet HTML 17Page - Analog Devices AD9540 Datasheet HTML 18Page - Analog Devices AD9540 Datasheet HTML 19Page - Analog Devices AD9540 Datasheet HTML 20Page - Analog Devices AD9540 Datasheet HTML 21Page - Analog Devices AD9540 Datasheet HTML 22Page - Analog Devices AD9540 Datasheet HTML 23Page - Analog Devices AD9540 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD9540
Data Sheet
Rev. C | Page 20 of 32
DDS AND DAC
The precision frequency division within the device is
accomplished using DDS technology. The DDS can control the
digital phase relationships by clocking a 48-bit accumulator.
The incremental value loaded into the accumulator, known as
the frequency tuning word, controls the overflow rate of the
accumulator. Similar to a sine wave completing a 2π radian
revolution, the overflow of the accumulator is cyclical in nature
and generates a fundamental frequency according to
48
2
)
( s
o
f
FTW
f
×
=
}
2
W
{0
47
≤
≤ FT
The instantaneous phase of the sine wave is therefore the output
of the phase accumulator block. This signal can be phase-offset
by programming an additive digital phase that is added to each
phase sample coming out of the accumulator.
These instantaneous phase values are then piped through a
phase-to-amplitude conversion (sometimes called an angle-to-
amplitude conversion or AAC) block. This algorithm follows a
COS(x) relationship, where x is the phase coming out of the
phase offset block, normalized to 2π.
Finally, the amplitude words are piped to a 10-bit DAC. Because
the DAC is a sampled data system, the output is a reconstructed
sine wave that needs to be filtered to take high frequency images
out of the spectrum. The DAC is a current steering DAC that is
AVDD referenced. To get a measurable voltage output, the DAC
outputs must be terminated through a load resistor to AVDD,
typically 50 Ω. At positive full scale, IOUT sinks no current and
the voltage drop across the load resistor is 0. However, the IOUT
output sinks the programmed full-scale output current of the
DAC, causing the maximum output voltage drop across the load
resistor. At negative full-scale, the situation is reversed and IOUT
sinks the full-scale current (and generates the maximum drop
across the load resistor), while IOUT sinks no current (and
generates no voltage drop). At midscale, the outputs sink equal
amounts of current, generating equal voltage drops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com